Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS6116 Datasheet HTML 3Page - Micro Analog systems MAS6116 Datasheet HTML 4Page - Micro Analog systems MAS6116 Datasheet HTML 5Page - Micro Analog systems MAS6116 Datasheet HTML 6Page - Micro Analog systems MAS6116 Datasheet HTML 7Page - Micro Analog systems MAS6116 Datasheet HTML 8Page - Micro Analog systems MAS6116 Datasheet HTML 9Page - Micro Analog systems MAS6116 Datasheet HTML 10Page - Micro Analog systems MAS6116 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7 (18)
DA6116.001
27 February, 2009
REGISTER DESCRIPTION
Register
Address Byte
Data Byte
7
6
5
4
3
2
1
0
msb…lsb
Function
Write Operation Status
CR6
X
1
0
1
0
R
X
X
Output code
00000000
00000001
00000010
00000011
Both channels ready
Right channel busy Left
channel busy
Both channels busy
Peak Detector Status
CR4
X
1
0
1
1
R
X
X
Output code
00000000
00000001
00000010
00000011
No overload
Right overload
Left overload
Both overload
Peak Detector
Reference
CR3
X
1
1
0
0
R/W
X
X
Input code
11111111
11111110
11111101
00000010
00000001
00000000
DAC output, Note 1.
VREF(255)
VREF(254)
VREF(253)
VREF(2)
VREF(1)
VREF(0)
Left Channel Gain
CR2
X
1
1
0
1
R/W
X
X
Input code
11111111
11111110
11111101
11100000
00000010
00000001
00000000
Gain dB
+15.5
+15.0
+14.5
0.0
-111.0
-111.5
Mute
Right Channel Gain
CR1
X
1
1
1
0
R/W
X
X
Input code
11111111
11111110
11111101
11100000
00000010
00000001
00000000
Gain dB
+15.5
+15.0
+14.5
0.0
-111.0
-111.5
Mute
Test Mode, CR5
X
1
1
1
1
R/W
X
X
Reserved
Normal Write, Both
X
1
0
0
1
W
X
X
Write to both gain registers
Instant Write, Left (CR2)
X
0
1
0
1
W
X
X
Instant gain set to left channel
Instant Write, Right
(CR1)
X
0
1
1
0
W
X
X
Instant gain set to right channel
Instant Write, Both
X
0
1
1
1
W
X
X
Instant gain set to both channels
Note 1. Reference voltage is calculated from VREF = (0.0036 + 0.0145 • CODE) • AVCC
Address byte bits:
Bit 2 is read/write bit (1=read, 0=write).
Bits marked as X are don’t care bits.
The instant write commands write values to CR1 and CR2 registers for right and left channels respectively.
These values can be read by using the specified read commands for CR1 and CR2 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com