Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS6116 Datasheet HTML 9Page - Micro Analog systems MAS6116 Datasheet HTML 10Page - Micro Analog systems MAS6116 Datasheet HTML 11Page - Micro Analog systems MAS6116 Datasheet HTML 12Page - Micro Analog systems MAS6116 Datasheet HTML 13Page - Micro Analog systems MAS6116 Datasheet HTML 14Page - Micro Analog systems MAS6116 Datasheet HTML 15Page - Micro Analog systems MAS6116 Datasheet HTML 16Page - Micro Analog systems MAS6116 Datasheet HTML 17Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13 (18)
DA6116.001
27 February, 2009
APPLICATION INFORMATION
Application Note 1 – Typical application
AVCC
AGND
DGND
DVCC
LFO
LMO
LGND
LIN
+
-
RIN
RF
+18V
-18V
+
-
RIN
RF
+18V
-18V
RIN
RGND
RMO
RFO
Connect signal ground and opamp +input together on PCB
CCLK
XCS
XMUTE
DATA
RIGHT CHANNEL
LEFT CHANNEL
MICRO-
CONTROLLER
MAS6116
AUDIO SOURCE
AUDIO SOURCE
220nF
+
+5VDC
10uF
Application Note 2 - Configuration for balanced output DAC (only one channel shown)
MAS6116
+
+
-
-
RMO
RFO
LFO
LMO
RIN
LIN
+
-
RGND
LGND
+18V
+18V
-18V
-18V
+18V
-18V
2k
2k
2k
2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com