Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 15 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 15 Page - Micro Analog systems

Back Button MAS6116 Datasheet HTML 10Page - Micro Analog systems MAS6116 Datasheet HTML 11Page - Micro Analog systems MAS6116 Datasheet HTML 12Page - Micro Analog systems MAS6116 Datasheet HTML 13Page - Micro Analog systems MAS6116 Datasheet HTML 14Page - Micro Analog systems MAS6116 Datasheet HTML 15Page - Micro Analog systems MAS6116 Datasheet HTML 16Page - Micro Analog systems MAS6116 Datasheet HTML 17Page - Micro Analog systems MAS6116 Datasheet HTML 18Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15 (18)
DA6116.001
27 February, 2009
APPLICATION INFORMATION
Application Note 5 – Lower supply voltage MCU communication example 2
Second example of communication with lower supply voltage MCU is shown in the figure below. There are open
drain buffers used in the level shifting between 3V and 5V signal levels. In this example the DATA signal line
communication is bi-directional also on the MCU side.
MAS6116
DATA
+5V
+5V
DVDD
AVDD
CLK
XCS
XMUTE
MCU
+3V
GPIO
GPIO
GPIO
GPIO
VDD
+5V
+3V
74LVC1G07
+5V
+3V
74LVC1G07
+5V
+3V
74LVC1G07
+5V
+3V
74LVC1G07
+3V
+5V
74LVC1G07
4k7
4k7
4k7
4k7
4k7
4k7
4k7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com