Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 14 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 14 Page - Micro Analog systems

Back Button MAS6116 Datasheet HTML 10Page - Micro Analog systems MAS6116 Datasheet HTML 11Page - Micro Analog systems MAS6116 Datasheet HTML 12Page - Micro Analog systems MAS6116 Datasheet HTML 13Page - Micro Analog systems MAS6116 Datasheet HTML 14Page - Micro Analog systems MAS6116 Datasheet HTML 15Page - Micro Analog systems MAS6116 Datasheet HTML 16Page - Micro Analog systems MAS6116 Datasheet HTML 17Page - Micro Analog systems MAS6116 Datasheet HTML 18Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14 (18)
DA6116.001
27 February, 2009
APPLICATION INFORMATION
Application Note 3 – Single supply voltage usage
Single supply voltage circuit below is based on signal AC coupling and biasing output opamp in the middle point of
supply voltages. Note that only right channel circuit is presented. The left channel circuit would be exactly the
same. The component values have been chosen to limit overall lower corner frequency to about 10 Hz.
Application Note 4 – Lower supply voltage MCU communication example 1
If the serial control interface is driven from MCU which operates from lower supply voltage than MAS6116 which is
using higher 5V voltage supply there is level shifting needed for keeping the digital signal levels proper in the
communication. The bi-directional DATA line requires additionally level shifting in both directions. Figure below
shows an example of serial interface level shifting between 3V and 5V voltage supplies. In this example level
shifters with output enable function are used. The output enable function is used to disable level shifter output
when data direction changes in the bi-directional data line of MAS6116.
MAS6116
DATA
+5V
+5V
DVDD
AVDD
CLK
XCS
XMUTE
MCU
+3V
GPIO
GPIO
GPIO
GPIO
VDD
GPIO
GPIO
+5V
+5V
OE
+5V
+5V
+3V
AVCC
DVCC
+ 5V supply
MAS6116
RFO
(Right Channel)
1MΩ
1MΩ
IN
10µF
+
10µF
OUT (inverted)
RIN
RM
-
100nF
1MΩ
10kΩ
RGND
DGND
LGND
AGND
10µF
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com