Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6116 Datasheet HTML 1Page - Micro Analog systems MAS6116 Datasheet HTML 2Page - Micro Analog systems MAS6116 Datasheet HTML 3Page - Micro Analog systems MAS6116 Datasheet HTML 4Page - Micro Analog systems MAS6116 Datasheet HTML 5Page - Micro Analog systems MAS6116 Datasheet HTML 6Page - Micro Analog systems MAS6116 Datasheet HTML 7Page - Micro Analog systems MAS6116 Datasheet HTML 8Page - Micro Analog systems MAS6116 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 (18)
DA6116.001
27 February, 2009
MAS6116
Stereo Digital Volume Control
• Signal Voltage up to ± 18V
• Two Independent Channels
• Use of Differential DACs Possible
• Serial Control Registers
DESCRIPTION
MAS6116 is a stereo volume control for audio
systems, which require high output voltages (AC3).
It has serial interface, which controls two audio
channels.
Simple
serial
interface
allows
microcontroller to control many MAS6116 chips on
the same PCB board. “Clicking” between gain
changes is eliminated by changing gain only when
zero crossing has been detected in the input signal.
MAS6116 also features a peak detection circuitry
that allows easy monitoring of the output signal.
MAS6116 has also a set of “instant gain change”
instructions that allow fast gain switching. The use
of external operational amplifier provides flexibility
for the operating voltage, signal swing, noise floor
and cost optimization.
FEATURES
APPLICATION
•
Signal Voltage up to ± 18V
•
Two Independent Channels
•
Use of Differential DACs Possible
•
Serial Control Registers
•
Zero Cross Detection for Gain Changes
•
Gain Range +15.5db…-111.5dB
•
0.5 dB Gain Step Size
•
Mute Pin
•
Power On/Off Transient Suppression
•
Signal Peak Level Comparator with Adjustable
Reference
•
Independent Writing to Both Channels
•
Instant Gain Change Function for Fast Gain
Switching
•
XMUTE Using the Zero Cross and Timeout
Functions
•
Write Operation Status Register
•
High End Audio Systems
•
Multi-channel Audio Systems


Similar Part No. - MAS6116

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
994Kb / 20P
Stereo Digital Volume Control
MAS6116EA1SA306 MAS-MAS6116EA1SA306 Datasheet
994Kb / 20P
Stereo Digital Volume Control
MAS6116EA1SA308 MAS-MAS6116EA1SA308 Datasheet
994Kb / 20P
Stereo Digital Volume Control
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
Stereo Digital Volume Control
More results

Similar Description - MAS6116

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
Stereo Digital Volume Control
FEB 99
logo
Micro Analog systems
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816_04 Datasheet
163Kb / 13P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310_05 Datasheet
277Kb / 17P
Stereo Digital Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
Stereo Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com