Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6179 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6179
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6179 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS6179 Datasheet HTML 2Page - Micro Analog systems MAS6179 Datasheet HTML 3Page - Micro Analog systems MAS6179 Datasheet HTML 4Page - Micro Analog systems MAS6179 Datasheet HTML 5Page - Micro Analog systems MAS6179 Datasheet HTML 6Page - Micro Analog systems MAS6179 Datasheet HTML 7Page - Micro Analog systems MAS6179 Datasheet HTML 8Page - Micro Analog systems MAS6179 Datasheet HTML 9Page - Micro Analog systems MAS6179 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 (10)
DA6179.000
22 January, 2007
TYPICAL APPLICATION (Continued)
Note 1: Crystals
The crystals as well as ferrite antenna frequencies are chosen according to the time signal system (Table 2).
The reason why the crystal frequency is about 3 Hz higher than the signal frequency is that the crystal is
operated without the loading capacitor. Without loading capacitor the actual resonance frequency is about 3 Hz
lower thus 77.503 kHz crystal resonates at 77.500 kHz when no loading capacitor is used.
Table 2. Time Signal System Frequencies
Time Signal System
Location
Antenna Frequency
Recommended Crystal Frequency
DCF77
Germany
77.5 kHz
77.503 kHz
HBG
Switzerland
75 kHz
75.003 kHz
MSF
United Kingdom
60 kHz
60.003 kHz
WWVB
USA
60 kHz
60.003 kHz
JJY
Japan
40 kHz and 60 kHz
40.003 kHz and 60.003 kHz
BPC
China
68.5 kHz
68.505 kHz
The crystal shunt capacitance C0 should be matched as well as possible with the internal shunt capacitance
compensation capacitor CC of MAS6179. See Compensation Capacitance Options in table 3.
Table 3. Compensation Capacitance Options
Device
CC
Crystal Description
MAS6179A1
0.75 pF
For low C0 crystal
MAS6179A2
1.3 pF
For high C0 crystal
It should be noted that grounded crystal package has reduced shunt capacitance. This value is about 85% of
floating crystal shunt capacitance. For example crystal with 1pF floating package shunt capacitance can have
0.85pF grounded package shunt capacitance. PCB traces of crystal and external compensation capacitance
should be kept at minimum to minimize additional parasitic capacitance which can cause capacitance
mismatching.
Highest frequency crystal is connected to crystal output pin 1 (QO1). Medium frequency crystal is connected to
crystal output pin 2 (QO2). Lowest frequency crystal is connected to crystal output pin 3 (QO3). The other pin of
each crystal is connected to common crystal input pin QI.
Table 4 below presents some crystal manufacturers having suitable crystals for time signal receiver application.
Table 4. Crystal Manufacturers and Crystal Types in Alphabetical Order for Time Signal Receiver Application
Manufacturer
Crystal Type
Dimensions
Web Link
Citizen
CFV-206
ø 2.0 x 6.0
http://www.citizen.co.jp/tokuhan/quartz/
Epson
C-2-Type
C-4-Type
ø 1.5 x 5.0
ø 2.0 x 6.0
http://www.epsontoyocom.co.jp/english/
KDS Daishinku
DT-261
ø 2.0 x 6.0
http://www.kds.info/index_en.htm
Microcrystal
MX1V-L2N
MX1V-T1K
ø 2.0 x 6.0
ø 2.0 x 8.1
http://www.microcrystal.com/
Seiko
Instruments
VTC-120
ø 1.2 x 4.7
http://www.sii-crystal.com
Note 2: AGC Capacitor
The AGC and DEC capacitors must have low leakage currents due to very small signal currents through the
capacitors. The insulation resistance of these capacitors should be at minimum 100 MΩ. Also probes with at
least 100 MΩ impedance should be used for voltage probing of AGC and DEC pins. Electrolytic AGC capacitor
should have voltage rating at least 25 V for low enough leakage. DEC capacitor can be low leakage chip
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com