Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6179 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6179
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6179 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6179 Datasheet HTML 1Page - Micro Analog systems MAS6179 Datasheet HTML 2Page - Micro Analog systems MAS6179 Datasheet HTML 3Page - Micro Analog systems MAS6179 Datasheet HTML 4Page - Micro Analog systems MAS6179 Datasheet HTML 5Page - Micro Analog systems MAS6179 Datasheet HTML 6Page - Micro Analog systems MAS6179 Datasheet HTML 7Page - Micro Analog systems MAS6179 Datasheet HTML 8Page - Micro Analog systems MAS6179 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 (10)
DA6179.000
22 January, 2007
PAD LAYOUT
QO2
QO1
QI
OUT
AGC
VSS
RFI2
RFIM
RFI3
PDN1
1420 µm
PDN2
DEC
QO3
RFIP
AON
MAS6179Ax,
x=1, 2
VDD
DIE size = 1.42 x 1.80 mm; rectangular PAD 80 µm x 80 µm
Note: Because the substrate of the die is internally connected to VSS, the die has to be connected to VSS or left
floating. Please make sure that VSS is the first pad to be bonded. Pick-and-place and all component assembly
are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in bottom-left corner of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
154 µm
1580 µm
Quartz Filter Output for Crystal 2
QO2
154 µm
1393 µm
Quartz Filter Output for Crystal 1
QO1
154 µm
1207 µm
Quartz Filter Output for Crystal 3
QO3
154 µm
1021 µm
Quartz Filter Input for Crystals
QI
154 µm
835 µm
AGC Capacitor
AGC
154 µm
648 µm
Power Down/Frequency Selection Input 2
PDN2
154 µm
462 µm
1
Receiver Output
OUT
154 µm
276 µm
2
Demodulator Capacitor
DEC
1266 µm
276 µm
AGC On Control
AON
1266 µm
462 µm
3
Power Down/Frequency Selection Input 1
PDN1
1266 µm
648 µm
1
Receiver Input 3 (for Antenna Capacitor 3)
RFI3
1266 µm
835 µm
Positive Receiver Input
RFIP
1266 µm
1021 µm
4
Negative Receiver Input
RFIM
1266 µm
1207 µm
4
Receiver Input 2 (for Antenna Capacitor 2)
RFI2
1266 µm
1393 µm
Power Supply Ground
VSS
1266 µm
1580 µm
Notes:
1) PDN1 = PDN2 = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down controlled to power up
2) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
3) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1 µA which is switched off at power down
4) Receiver inputs RFIP and RFIM have both 600 kΩ biasing resistors towards VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com