Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB07R3EN Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PMPB07R3EN
Description  30 V, N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB07R3EN Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PMPB07R3EN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Nexperia
PMPB07R3EN
30 V, N-channel Trench MOSFET
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = 25 °C
30
-
-
V
VGSth
gate-source threshold
voltage
ID = 250 µA; VDS = VGS; Tj = 25 °C
1.2
1.7
2.2
V
IDSS
drain leakage current
VDS = 30 V; VGS = 0 V; Tj = 25 °C
-
-
1
µA
VGS = 20 V; VDS = 0 V; Tj = 25 °C
-
-
100
nA
IGSS
gate leakage current
VGS = -20 V; VDS = 0 V; Tj = 25 °C
-
-
-100
nA
VGS = 10 V; ID = 12 A; Tj = 25 °C
-
7.3
8.6
mΩ
VGS = 10 V; ID = 12 A; Tj = 150 °C
-
12
14
mΩ
RDSon
drain-source on-state
resistance
VGS = 4.5 V; ID = 10 A; Tj = 25 °C
-
9
12
mΩ
gfs
forward
transconductance
VDS = 5 V; ID = 12 A; Tj = 25 °C
-
57
-
S
RG
gate resistance
f = 1 MHz
-
2.5
-
Ω
Dynamic characteristics
QG(tot)
total gate charge
-
13
19
nC
QGS
gate-source charge
-
2.3
-
nC
QGD
gate-drain charge
VDS = 15 V; ID = 12 A; VGS = 10 V;
Tj = 25 °C
-
1.6
-
nC
Ciss
input capacitance
-
914
-
pF
Coss
output capacitance
-
309
-
pF
Crss
reverse transfer
capacitance
VDS = 15 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
52
-
pF
td(on)
turn-on delay time
-
3
-
ns
tr
rise time
-
2
-
ns
td(off)
turn-off delay time
-
13
-
ns
tf
fall time
VDS = 15 V; ID = 12 A; VGS = 10 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
3
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 1.9 A; VGS = 0 V; Tj = 25 °C
-
0.7
1.2
V
PMPB07R3EN
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
18 August 2023
6 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com