Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB07R3EN Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PMPB07R3EN
Description  30 V, N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB07R3EN Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PMPB07R3EN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 13Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Nexperia
PMPB07R3EN
30 V, N-channel Trench MOSFET
12. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1220-2
- - -
sot1220-2_po
20-03-31
20-04-01
Unit
mm
min
nom
max
0.65
Dimensions (mm are the original dimensions)
Note
1. Dimension A is including plating thickness.
2. * Visible depend upon used manufacturing technology.
DFN2020M-6: plastic thermal enhanced ultra thin small outline package; no leads;
6 terminals; body 2 x 2 x 0.65 mm
e
0.15
(ref)
G
v
0.05
y
0.05
y1
0.1
w
0.05
u
0.05
K
0.2
L
0.25
0.20
0.30
A
0.60
E
2
D
2
D1
D2
0.55
0.65
E1
1.2
1.1
1.3
0.36
0.31
0.41
1.1
1.0
1.2
E2
0.7
e1
0.71
e2
0.28
0.6
0.8
b
0.30
0.02
0.25
0.35
A1
0
0.04
scale
0
2 mm
X
detail X
A
A1
*(6x)
pin 1
index area
pin 1
index area
E2
L
(6x)
D2
K
D1
E1
Gx45°
6
5
4
1
2
3
e
e
B
A
C
C
y1
b (6x)
A
C
B
v
C
w
C
y
seating plane
u
2x
C
u
2x
C
SOT1220-2
E
e2
e1
D
A
C
B
v
C
w
Fig. 18. Package outline DFN2020M-6 (SOT1220-2)
PMPB07R3EN
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
18 August 2023
10 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com