Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3241EBDR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3241EBDR
Description  짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3241EBDR Datasheet(HTML) 1 Page - STMicroelectronics

  ST3241EBDR Datasheet HTML 1Page - STMicroelectronics ST3241EBDR Datasheet HTML 2Page - STMicroelectronics ST3241EBDR Datasheet HTML 3Page - STMicroelectronics ST3241EBDR Datasheet HTML 4Page - STMicroelectronics ST3241EBDR Datasheet HTML 5Page - STMicroelectronics ST3241EBDR Datasheet HTML 6Page - STMicroelectronics ST3241EBDR Datasheet HTML 7Page - STMicroelectronics ST3241EBDR Datasheet HTML 8Page - STMicroelectronics ST3241EBDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2006
Rev 3
1/17
17
Order code
Part number
Temperature range
Package
Comments
ST3241ECDR
0 to 70°C
SO-28 (Tape & Reel)
1000 parts per reel
ST3241EBDR
-40 to 85°C
SO-28 (Tape & Reel)
1000 parts per reel
ST3241ECPR
0 to 70°C
SSOP-28 (Tape & Reel)
1350 parts per reel
ST3241EBPR
-40 to 85°C
SSOP-28 (Tape & Reel)
1350 parts per reel
ST3241ECTR
0 to 70°C
TSSOP28 (Tape & Reel)
2500 parts per reel
ST3241EBTR
-40 to 85°C
TSSOP28 (Tape & Reel)
2500 parts per reel
ST3241E
±15kV ESD Protected 3 to 5.5V, 400kbps,
RS-232 transceiver with auto-powerdown
General features
s
ESD Protection for RS-232 I/O pins:
±8KV IEC 1000-4-2 Contact discharge
±15KV Human body model
s
1µA Supply current achieved when in auto-
powerdown
s
250Kbps Minimum guaranteed data rate
s
Guaranteed 6V/ms slew rate range
s
Guaranteed mouse driveability
s
0.1µF External capacitors
s
Meet EIA/TIA-232 specifications down to 3V
s
Available in SO-28, SSOP-28 and TSSOP28
packages
Description
The ST3241E device consists of 3 drivers, 5
receivers and a dual charge-pump circuit. The
device meets the requirements of EIA/TIA and
V.28/V.24 communication standards providing
high data rate capability and enhanced
electrostatic discharge (ESD) protection. All
transmitter outputs and receiver input are
protected to ±8KV USING IEC 1000-4-2 contact
discharge and ±15KV using the Human Body
Model. The receiver R2 is always active to
implement a wake-up feature for serial port.
The ST3241E has a proprietary low-dropout
transmitter output stage enabling true RS-232
performance from a 3.0V to 5.5V supply with a
dual charge pump. The device is guaranteed to
run at data rates of 250kbps while maintaining
RS-232 output levels.
It is a complete serial port (3 drivers, 5 receivers)
intended for notebook or subnotebook computers.
Receivers R1 and R2 have extra outputs in
addition to their standard outputs. These extra
output are always active.
Typical application are in notebook, subnotebook,
palmtop computers, battery-powered equipment,
hand-held equipment, peripherals and printers..
SOP
SSOP
TSSOP
www.st.com


Similar Part No. - ST3241EBDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3241EBDR STMICROELECTRONICS-ST3241EBDR Datasheet
208Kb / 13P
® 5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
More results

Similar Description - ST3241EBDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3241E STMICROELECTRONICS-ST3241E Datasheet
208Kb / 13P
® 5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243 STMICROELECTRONICS-ST3243 Datasheet
275Kb / 11P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May-2002
ST3243E STMICROELECTRONICS-ST3243E Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3384E STMICROELECTRONICS-ST3384E Datasheet
227Kb / 11P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
July 2003
8785 STMICROELECTRONICS-8785 Datasheet
317Kb / 13P
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003
STLV3243E STMICROELECTRONICS-STLV3243E Datasheet
480Kb / 13P
짹15KV ESD PROTECTED 2.3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
02-May-2005
ST3243 STMICROELECTRONICS-ST3243_04 Datasheet
255Kb / 14P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Jan-2004
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
logo
STMicroelectronics
ST3243 STMICROELECTRONICS-ST3243_06 Datasheet
316Kb / 20P
3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown
31-Mar-2006
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com