Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243E Datasheet (PDF) - STMicroelectronics

ST3243E Datasheet PDF - STMicroelectronics
Part # ST3243E
Download  ST3243E Download
File Size   300.14 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN

ST3243E Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3243E Datasheet PDF - STMicroelectronics

Part # ST3243E
Download  ST3243E Click to download

File Size   300.14 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN

ST3243E Datasheet (HTML) - STMicroelectronics


ST3243E Product details

DESCRIPTION
The ST3243E device consists of 3 drivers, 5 receivers and a dual charge-pump circuit. The device meets the requirements of EIA/TIA and V.28/V.24 communication standards providing high data rate capability and enhanced electrostatic discharge (ESD) protection. All transmitter outputs and receiver input are protected to ±8KV USING IEC 1000-4-2 contact discharge and ±15KV using the Human Body Model. The receiver R2 is always active to implement a wake-up feature for serial port.

■ ESD PROTECTION FOR RS-232 I/O PINS: ±8KV IEC 1000-4-2 CONTACT DISCHARGE ±15KV HUMAN BODY MODEL
■ 1µA SUPPLY CURRENT ACHIEVED WHEN IN AUTO-POWERDOWN
■ 250Kbps MINIMUM GUARANTEED DATA RATE
■ GUARANTEED 6V/µs SLEW RATE RANGE
■ GUARANTEED MOUSE DRIVEABILITY
■ 0.1µF EXTERNAL CAPACITORS
■ MEET EIA/TIA-232 SPECIFICATIONS DOWN TO 3V
■ AVAILABLE IN SO-28, SSOP-28, TSSOP28 AND FLIP-CHIP28 PACKAGES




Similar Part No. - ST3243E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
ST3243EBTR STMICROELECTRONICS-ST3243EBTR Datasheet
633Kb / 16P
(,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
16-Oct-2009
ST3243EBTR STMICROELECTRONICS-ST3243EBTR Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
ST3243EC STMICROELECTRONICS-ST3243EC Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
(,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
16-Oct-2009
More results


Similar Description - ST3243E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3241E STMICROELECTRONICS-ST3241E Datasheet
208Kb / 13P
® 5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243 STMICROELECTRONICS-ST3243 Datasheet
275Kb / 11P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May-2002
logo
Intersil Corporation
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
-15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
July 2004
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
July 2004
logo
STMicroelectronics
STLV3243E STMICROELECTRONICS-STLV3243E Datasheet
480Kb / 13P
짹15KV ESD PROTECTED 2.3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
02-May-2005
ST3241E STMICROELECTRONICS-ST3241E_06 Datasheet
261Kb / 17P
짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
03-Apr-2006
ST3243 STMICROELECTRONICS-ST3243_04 Datasheet
255Kb / 14P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Jan-2004
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
logo
STMicroelectronics
ST3243 STMICROELECTRONICS-ST3243_06 Datasheet
316Kb / 20P
3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown
31-Mar-2006
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com