Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3243E
Description  ±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243E Datasheet(HTML) 1 Page - STMicroelectronics

  ST3243E Datasheet HTML 1Page - STMicroelectronics ST3243E Datasheet HTML 2Page - STMicroelectronics ST3243E Datasheet HTML 3Page - STMicroelectronics ST3243E Datasheet HTML 4Page - STMicroelectronics ST3243E Datasheet HTML 5Page - STMicroelectronics ST3243E Datasheet HTML 6Page - STMicroelectronics ST3243E Datasheet HTML 7Page - STMicroelectronics ST3243E Datasheet HTML 8Page - STMicroelectronics ST3243E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
March 2004
s
ESD PROTECTION FOR RS-232 I/O PINS:
±8KV IEC 1000-4-2 CONTACT DISCHARGE
±15KV HUMAN BODY MODEL
s
1
µA SUPPLY CURRENT ACHIEVED WHEN
IN AUTO-POWERDOWN
s
250Kbps MINIMUM GUARANTEED DATA
RATE
s
GUARANTEED 6V/
µsSLEW RATERANGE
s
GUARANTEED MOUSE DRIVEABILITY
s
0.1
µF EXTERNAL CAPACITORS
s
MEET EIA/TIA-232 SPECIFICATIONS DOWN
TO 3V
s
AVAILABLE IN SO-28, SSOP-28, TSSOP28
AND FLIP-CHIP28 PACKAGES
DESCRIPTION
The ST3243E device consists of 3 drivers, 5
receivers and a dual charge-pump circuit. The
device meets the requirements of EIA/TIA and
V.28/V.24 communication standards providing
high
data
rate
capability
and
enhanced
electrostatic
discharge
(ESD)
protection.
All
transmitter
outputs
and
receiver
input
are
protected to ±8KV USING IEC 1000-4-2 contact
discharge and ±15KV using the Human Body
Model. The receiver R2 is always active to
implement a wake-up feature for serial port.
The ST3243E has a proprietary low-dropout
transmitter output stage enabling true RS-232
performance from a 3.0V to 5.5V supply with a
dual charge pump. The device is guaranteed to
run at data rates of 250kbps while maintaining
RS-232 output levels.
The Auto-powerdown feature functions when
FORCEON is low and FORCEOFF is high. During
this mode of operation, if the device does not
sense a valid RS-232 signal, the driver outputs are
disabled. If FORCEOFF is set low, both drivers
and receivers (expert R2B) are shut off, and
supply current is reduced to 1
µA. Disconnecting
the serial port or turning off the peripheral drives
causes the auto-powerdown condition to occur.
Auto-powerdown
can
be
disabled
when
FORCEON and FORCEOFF are high, and should
be done when driving a serial mouse. With
Auto-powerdown enabled, the device is activated
automatically when a valid signal is applied to any
receiver input.
Typical application are in notebook, subnotebook,
palmtop computers, battery-powered equipment,
hand-held equipment, peripherals and printers.
ST3243E
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS,
RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
SSOP
SOP
TSSOP
Flip-Chip28


Similar Part No. - ST3243E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
ST3243EBTR STMICROELECTRONICS-ST3243EBTR Datasheet
633Kb / 16P
(,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
16-Oct-2009
ST3243EBTR STMICROELECTRONICS-ST3243EBTR Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
ST3243EC STMICROELECTRONICS-ST3243EC Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
(,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
16-Oct-2009
More results

Similar Description - ST3243E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3241E STMICROELECTRONICS-ST3241E Datasheet
208Kb / 13P
® 5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243 STMICROELECTRONICS-ST3243 Datasheet
275Kb / 11P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May-2002
logo
Intersil Corporation
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
-15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
July 2004
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
July 2004
logo
STMicroelectronics
STLV3243E STMICROELECTRONICS-STLV3243E Datasheet
480Kb / 13P
짹15KV ESD PROTECTED 2.3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
02-May-2005
ST3241E STMICROELECTRONICS-ST3241E_06 Datasheet
261Kb / 17P
짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
03-Apr-2006
ST3243 STMICROELECTRONICS-ST3243_04 Datasheet
255Kb / 14P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Jan-2004
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
logo
STMicroelectronics
ST3243 STMICROELECTRONICS-ST3243_06 Datasheet
316Kb / 20P
3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown
31-Mar-2006
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com