Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243E Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST3243E
Description  ±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST3243E Datasheet HTML 9Page - STMicroelectronics ST3243E Datasheet HTML 10Page - STMicroelectronics ST3243E Datasheet HTML 11Page - STMicroelectronics ST3243E Datasheet HTML 12Page - STMicroelectronics ST3243E Datasheet HTML 13Page - STMicroelectronics ST3243E Datasheet HTML 14Page - STMicroelectronics ST3243E Datasheet HTML 15Page - STMicroelectronics ST3243E Datasheet HTML 16Page - STMicroelectronics ST3243E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ST3243E
13/18
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.58
0.95
22.8
37.4
A1
0.24
9.4
A2
0.65
25.6
b
0.25
0.30
0.35
9.8
11.8
13.8
D
3.97
4.17
156.3
164.2
D1
2.5
98.4
E
2.47
2.67
97.2
105.1
E1
2
78.7
e
0.45
0.55
17.7
21.7
f
0.23
0.34
9.1
13.4
f1
0.80
0.91
31.5
31.8
Flip-Chip28 MECHANICAL DATA
7385199/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com