Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243E Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3243E
Description  ±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3243E Datasheet HTML 3Page - STMicroelectronics ST3243E Datasheet HTML 4Page - STMicroelectronics ST3243E Datasheet HTML 5Page - STMicroelectronics ST3243E Datasheet HTML 6Page - STMicroelectronics ST3243E Datasheet HTML 7Page - STMicroelectronics ST3243E Datasheet HTML 8Page - STMicroelectronics ST3243E Datasheet HTML 9Page - STMicroelectronics ST3243E Datasheet HTML 10Page - STMicroelectronics ST3243E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ST3243E
7/18
TIMING CHARACTERISTICS
(C1 -C4 =0.1µF, VCC =3V to5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA =25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Maximum Data Rate
RL =3KΩ
CL= 1000pF
one transmitter switching
250
400
Kbps
tPHL
tPLH
Receiver Propagation Delay RIN to ROUT
CL = 150pF
0.15
µs
tT_SKEW Transmitter Skew
150
ns
tR_SKEW Receiver Skew
70
ns
SRT
Transition Slew Rate
TA = 25°C RL =3Kto7KΩ
VCC =3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF
CL = 150pF to 2500pF
6
4
30
30
V/
µs
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com