Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243E Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3243E
Description  ±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3243E Datasheet HTML 2Page - STMicroelectronics ST3243E Datasheet HTML 3Page - STMicroelectronics ST3243E Datasheet HTML 4Page - STMicroelectronics ST3243E Datasheet HTML 5Page - STMicroelectronics ST3243E Datasheet HTML 6Page - STMicroelectronics ST3243E Datasheet HTML 7Page - STMicroelectronics ST3243E Datasheet HTML 8Page - STMicroelectronics ST3243E Datasheet HTML 9Page - STMicroelectronics ST3243E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ST3243E
6/18
AUTO-POWERDOWN ELECTRICAL CHARACTERISTICS
(C1 -C4 =0.1µF, VCC =3V to5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C, FORCEON = GND, FORCEOFF =VCC)
TRANSMITTER ELECTRICAL CHARACTERISTICS
(C1 -C4 =0.1µF, VCC =3V to5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
RECEIVER ELECTRICAL CHARACTERISTICS
(C1 -C4 =0.1µF, VCC =3V to5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VRITE
Receiver Input Threshold to
INVALID Output Voltage
HIGH (Fig. 1)
Positive Threshold
2.7
V
Negative Threshold
2.7
V
VRITD
Receiver Input Threshold to
INVALID Output Voltage
LOW (Fig. 1)
-0.3
0.3
V
VIOL
INVALID Output Voltage
LOW
IOUT =1.6mA
0.4
V
VIOH
INVALID Output Voltage
HIGH
IOUT =-1mA
VCC-0.6
V
tWU
Receiver or Transmitter
Edge Transmitter Enabled
(Fig. 1)
100
µs
tINVH
Receiver Positive or
Negative Threshold to
INVALID HIGH (Fig. 1)
0.2
µs
tINVL
Receiver Positive or
Negative Threshold to
INVALID LOW (Fig. 1)
30
µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTOUT Output Voltage Swing
All Transmitter outputs are loaded with
3K
Ω to GND
± 5
± 5.4
V
ROUT
Output Resistance
VCC =V+ = V- =0V
VOUT = ± 2V
300
10M
ISC
Output Short Circuit Current VCC =3.3V
± 40
± 60
mA
IL
Output Leakage Current
VCC = 0 to 5.5V, transmitter output=± 12V,
transmitter disabled
± 25
µA
VOT
Transmitter Output Voltage
T1IN = T2IN = GND,
T3IN = VCC
T3OUT loaded with 3K
Ω to GND
T1OUT and T2OUT loaded with 2.5mA
each
± 5V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VRIN
Receiver Input Voltage
Operating Range
-25
25
V
VRIL
RS-232 Input Threshold
Low
TA = 25°C
VCC =3.3V
TA = 25°C
VCC =5.0V
0.6
0.8
1.1
1.4
V
VRIH
RS-232 Input Threshold
High
TA = 25°C
VCC =3.3V
TA = 25°C
VCC =5.0V
1.6
1.9
2.4
2.4
V
VRIHYS Input Hysteresis
0.5
V
RRIN
Input Resistance
TA = 25°C
3
5
7
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com