Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1D30120HC Datasheet(PDF) 4 Page - BASIC SEMICONDUCTOR

Part # B1D30120HC
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B1D30120HC Datasheet(HTML) 4 Page - BASIC SEMICONDUCTOR

  B1D30120HC Datasheet HTML 1Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 2Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 3Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 4Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 5Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 6Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev. 0.2
www.basicsemi.com
4 / 7
Typical Performance (Per Leg)
Figure 2. Typical reverse current as function of
reverse voltage
Figure 1. Typical forward characteristics
B1D30120HC
SiC Schottky Diode
Figure 3. Diode forward current as function
of temperature, D=duty cycle
Figure 4. Typical capacitance as function of
reverse voltage,
C=f(VR); Tj=25°C; f=1 MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
175
℃
150
℃
100
℃
25
℃
V
F (V)
0
200
400
600
800
1000
1200
0.01
0.1
1
10
175
℃
100
℃
25
℃
150
℃
V
R (V)
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
1400
V
R (V)
25
50
75
100
125
150
175
0
50
100
150
200
250
D=1
D=0.7
D=0.5
D=0.3
D=0.2
D=0.1
Tc (℃)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com