Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1D30120HC Datasheet(PDF) 1 Page - BASIC SEMICONDUCTOR

Part # B1D30120HC
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B1D30120HC Datasheet(HTML) 1 Page - BASIC SEMICONDUCTOR

  B1D30120HC Datasheet HTML 1Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 2Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 3Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 4Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 5Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 6Page - BASIC SEMICONDUCTOR B1D30120HC Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 0.2
www.basicsemi.com
1 / 7
SiC Schottky Diode
VRRM
= 1200 V
IF (TC=160°C)
= 30 A**
QC
= 166 nC**
Features
⚫
Extremely low reverse current
⚫
No reverse recovery current
⚫
Temperature independent switching
⚫
Positive temperature coefficient on VF
⚫
Excellent surge current capability
⚫
Low capacitive charge
B1D30120HC
Benefits
⚫
Essentially no switching losses
⚫
System efficiency improvement over Si diodes
⚫
Increased power density
⚫
Enabling higher switching frequency
⚫
Reduction of heat sink requirements
⚫
System cost savings due to smaller magnetics
⚫
Reduced EMI
Applications
⚫
Switch mode power supplies (SMPS)
⚫
Uninterruptible power supplies
⚫
Motor drivers
⚫
Power factor correction
⚫
Pin1- Anode
⚫
Pin2- Cahtode
⚫
Pin3- Anode
Package Pin Definitions
Package Parameters
Part Number
Marking
Package
B1D30120HC
B1D30120HC
TO-247-3
* Per Leg, ** Per Device
2
3
1
CASE
3
2
TO-247-3
CASE
1


Similar Part No. - B1D30120HC

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
B1D30065TF BASICSEMI-B1D30065TF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.0
More results

Similar Description - B1D30120HC

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com