Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5819WS Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # B5819WS
Description  B5819WS SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

B5819WS Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  B5819WS Datasheet HTML 1Page - SMC Diode Solutions Co. LTD B5819WS Datasheet HTML 2Page - SMC Diode Solutions Co. LTD B5819WS Datasheet HTML 3Page - SMC Diode Solutions Co. LTD B5819WS Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N2030, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
B5819WS
B5819WS SCHOTTKY BARRIER DIODE
Characteristic
Symbol
Min
Max
Units
Test Condition
Reverse Breakdown Voltage *
V(BR)
40
-
V
IR=1mA
Forward Voltage *
VFM
-
0.6
V
IF=1A
-
0.9
V
IF=3A
Reverse Leakage Current *
IRM
-
200
uA VR=40V
Capacitance between terminals
CT
-
120
pF VR=4V,f=1.0MHz
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Mechanical Data
Maximum Ratings @TA=25°C unless otherwise specified
Parameter
Marking code
Symbol
B5819WS
SL
Units
Maximum repetitive peak reverse voltage
VRRM
40
V
Maximum DC blocking voltage
VR
Maximum RMS voltage
VR(RMS)
28
V
Average rectified output current
IO
1.0
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
9
A
Power Dissipation
Pd
250
mW
Typical thermal resistance
RΘJA
500
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA=25°C unless otherwise specified
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
For use in low voltage, high frequency inverters
Free wheeling, and polanty protection applications
This is a Halogen Free device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
SOD-323


Similar Part No. - B5819WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5819WS JIANGSU-B5819WS Datasheet
126Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Weitron Technology
B5819WS WEITRON-B5819WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
B5819WS BILIN-B5819WS Datasheet
244Kb / 4P
Schottky Barrier Diode
logo
Shenzhen Ping Sheng Ele...
B5819WS PFS-B5819WS Datasheet
1Mb / 2P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
B5819WS MCC-B5819WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results

Similar Description - B5819WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com