Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2D20120HC Datasheet(PDF) 2 Page - BASIC SEMICONDUCTOR

Part # B2D20120HC
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D20120HC Datasheet(HTML) 2 Page - BASIC SEMICONDUCTOR

  B2D20120HC Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. 0.1
www.basicsemi.com
2 / 7
Maximum Ratings (TC=25℃ unless otherwise specified)
SiC Schottky Diode
B2D20120HC
Symbol
Parameter
Test conditions
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
V
VRSM
Non-repetitive peak reverse voltage
1200
V
IF
Continuous forward current
TC=25°C
TC=155°C
36*/72**
10*/20**
A
IFSM
Non-Repetitive forward surge current
TC=25°C , tp=10ms, Half Sine Wave
85*
A
∫i2dt
i2t value
TC=25°C ,tp=10ms
36.12*
A2S
Ptot
Power dissipation
TC=25°C
TC=110°C
156*
67*
W
Tj
Operating junction temperature
-
55~175
°C
Tstg
Storage temperature
-
55~175
°C
TO-247 mounting torque
M3 Screw
0.7
Nm
* Per Leg, ** Per Device
Thermal Characteristics
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
Rth(jc)
Thermal resistance from junction to case
0.96*
0.48**
K/W
* Per Leg, ** Per Device



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com