Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2D20120HC Datasheet(PDF) 4 Page - BASIC SEMICONDUCTOR

Part # B2D20120HC
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D20120HC Datasheet(HTML) 4 Page - BASIC SEMICONDUCTOR

  B2D20120HC Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev. 0.1
www.basicsemi.com
4 / 7
Typical Performance (Per Leg)
Figure 2. Typical reverse current as function of
reverse voltage
Figure 1. Typical forward characteristics
B2D20120HC
SiC Schottky Diode
Figure 3. Diode forward current as function
of temperature, D=duty cycle
Figure 4. Typical capacitance as function of
reverse voltage,
C=f(VR); Tj=25°C; f=1 MHz
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
D=1
D=0.7
D=0.5
D=0.3
D=0.2
D=0.1
T
C (℃)
0.1
1
10
100
1000
0
200
400
600
800
V
R (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
175
℃
150
℃
100
℃
25
℃
V
F (V)
0
300
600
900
1200
1500
0.001
0.01
0.1
1
10
100
175
℃
100
℃
25
℃
150
℃
V
R (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com