Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD161602AP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD161602AP
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD161602AP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD161602AP Datasheet HTML 9Page - Renesas Technology Corp UPD161602AP Datasheet HTML 10Page - Renesas Technology Corp UPD161602AP Datasheet HTML 11Page - Renesas Technology Corp UPD161602AP Datasheet HTML 12Page - Renesas Technology Corp UPD161602AP Datasheet HTML 13Page - Renesas Technology Corp UPD161602AP Datasheet HTML 14Page - Renesas Technology Corp UPD161602AP Datasheet HTML 15Page - Renesas Technology Corp UPD161602AP Datasheet HTML 16Page - Renesas Technology Corp UPD161602AP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet S15381EJ1V0DS
11
µµµµPD161602A/B
4.2 AP Signal Timing
The driver power consumption is dependent on the high period of the AP signal because the operational amplifier in
the IC is operation and current is constantly flowing in this period. A chart indication the recommended timing of
inputting the AP signal vis-a-vis the STB signal is shown below.
Hi-Z
MIN. 10
µs
Amp driving
10 to 15
µs
SW driving
STB
AP
Note that the ideal AP signal high period differs depending on the load of the liquid crystal. The AP period must
therefore be able to be adjusted using a controller.
The AP signal can also be used as shown below. However, in these cases, be sure to perform sufficient evaluation
before use.
<When SW drive in not used>
Only the amp is driven (SW drive is not used) if one horizontal period is short (40
µs or less) or the liquid crystal
load is large (50 pF or more).
STB
AP
<When the AP signal high period is 10
µµµµs or less>
The amp drive period is shortened and the SW drive period lengthened when one horizontal period is long (100
µs
or more) and the liquid crystal load is small (20 pF).
STB
AP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com