Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD161602AP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD161602AP
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD161602AP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD161602AP Datasheet HTML 17Page - Renesas Technology Corp UPD161602AP Datasheet HTML 18Page - Renesas Technology Corp UPD161602AP Datasheet HTML 19Page - Renesas Technology Corp UPD161602AP Datasheet HTML 20Page - Renesas Technology Corp UPD161602AP Datasheet HTML 21Page - Renesas Technology Corp UPD161602AP Datasheet HTML 22Page - Renesas Technology Corp UPD161602AP Datasheet HTML 23Page - Renesas Technology Corp UPD161602AP Datasheet HTML 24Page - Renesas Technology Corp UPD161602AP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet S15381EJ1V0DS
19
µµµµPD161602A/B
Electrical Characteristics (TA = –20 to +75
°C, VDD1 = 2.2 to 3.6 V, VDD2 = 5.0 V ±±±± 0.5 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input Leak Current
IIL
D00-D05, D10-D15, D20-D25, R,/L, STB, CLK,
STHR(L), INV, CM, AP, Osel, BA, POL,
GAM, VCsel
±1.0
µA
Input Current
IIL2
TESTIN
10
40
200
µA
High-Level Output Voltage
VOH
STHR (STHL), IOH = –1.0 mA
VDD1 – 0.5
V
Low-Level Output Voltage
VOL
STHR (STHL), IOL = +1.0 mA
0.5
V
VOH2
VDD2 = 5.0 V, IO = –1.0 mA
VDD2 – 0.5
V
VCOM Output Voltage
VOL2
VDD2 = 5.0 V, IO = +1.0 mA
0.5
V
γ -Correction Power-supply
Static Current Consumption
Iγ
V0 = 5.0 V, V4 = 0 V
(when in
γ -correction power mode)
100
200
400
µA
IVOH1
VDD2 = 5.0 V, VOUT = VX – 1.0 V
Note1
Input data: 1FH
–0.5
–0.15
mA
Driver Output Current
(AMP drive)
IVOL1
VDD2 = 5.0 V, VOUT = VX + 1.0 V
Note1
Input data: 20H
0.15
0.50
mA
IVOH2
VDD2 = 5.0 V, VOUT = VX – 1.0 V
Note1
Input data: 1FH
–50
–15
µA
Driver Output Current
(Switch drive)
IVOL2
VDD2 = 5.0 V, VOUT = VX + 1.0 V
Note1
Input data: 20H
15
40
µA
VOH3
VDD2 = 5.0 V, IO = –50 uA
VDD2 – 0.5
V
Driver Output Current
(8-color display mode)
VOL3
VDD2 = 5.0 V, IO = +50 uA
0.5
V
Output Voltage Deviation
∆VO
VDD1 = 2.5 V, VDD2 = 5.0 V,
VOUT = 2.5 V
Note1
±10
±20
mV
Output Voltage Range
VO
Input data: 00H to 3FH
VSS2 + 0.05
VDD2 – 0.05
V
Logic Part Dynamic Current
Consumption
IDD1
With no load
Note2
0.4
0.8
mA
Driver Part Dynamic
Current Consumption
IDD2
VDD = 5.0 V, with no load
Note2
0.9
1.5
mA
Notes 1. VX refers to the output voltage of analog output pins S1 to S396.
VOUT refers to the voltage applied to analog output pins S1 to S396.
2. fCLK = 15 MHz, STB cycle = 60 µs, AP pulse width = 15 µs, BA = L (low power mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com