Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98405 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD98405
Description  MOS INTEGRATED CIRCUIT
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD98405 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD98405 Datasheet HTML 9Page - Renesas Technology Corp UPD98405 Datasheet HTML 10Page - Renesas Technology Corp UPD98405 Datasheet HTML 11Page - Renesas Technology Corp UPD98405 Datasheet HTML 12Page - Renesas Technology Corp UPD98405 Datasheet HTML 13Page - Renesas Technology Corp UPD98405 Datasheet HTML 14Page - Renesas Technology Corp UPD98405 Datasheet HTML 15Page - Renesas Technology Corp UPD98405 Datasheet HTML 16Page - Renesas Technology Corp UPD98405 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Data Sheet S12689EJ3V0DS
11
µµµµPD98405
(2/2)
No.
PCI Mode
Generic
Mode
No.
PCI Mode
Generic
Mode
No.
PCI Mode
Generic
Mode
No.
PCI Mode
Generic
Mode
P19
CA10
CA10
H18
ROMA7
–
A18
Rx1/TFKC
Rx1/TFKC
A10
TDOT
TDOT
P21
CA9
CA9
G22 ROMA6
–
B17
Rx0/TFKT
Rx0/TFKT
B10
TDOC
TDOC
P22
CA8
CA8
G21 ROMA5
–
A17
GND
GND
D10
HVDD3
HVDD3
P18
CA7
CA7
G19 ROMA4
–
F16
RCLK
RCLK
F9
HVDD3
HVDD3
P17
CA6
CA6
G17 ROMA3
–
D16
VDD3
VDD3
E9
RDIC
RDIC
N19 GND
GND
F22
GND
GND
B16
RENBL_B
RENBL_B
A9
RDIT
RDIT
N21 CA5
CA5
F21
ROMA2
–
A16
RSOC
RSOC
B9
HGND
HGND
N22 CA4
CA4
E22
ROMA1
–
E15
EMPTY_B/
RCLAV/R
CIC
EMPTY_B
/
RCLAV/
RCIC
D9
RVDD3
RVDD3
N18 CA3
CA3
G18 ROMA0
–
F15
FULL_B/
TCLAV/
RCIT
FULL_B/
TCLAV/
RCIT
A8
JRST_B
JRST_B
N17 CA2
CA2
F19
ROMD7
–
D15
TSOC
TSOC
B8
JCK
JCK
M18 CA1
CA1
F18
ROMD6
–
B15
TENBL_B
TENBL_B
D8
JMS
JMS
M21 CA0
CA0
D22
ROMD5
–
A15
GND
GND
F8
JDO
JDO
M22 GND
GND
E21
ROMD4
–
D14
TCLK
TCLK
E8
JDI
JDI
M19 VDD3
VDD3
E19
ROMD3
–
B14
VDD3
VDD3
A7
RGND
RGND
L19
CBE3_B
CBE3_B
E18
ROMD2
–
A14
Tx7
Tx7
B7
VDD5
VDD5
L22
CBE2_B
CBE2_B
D21
ROMD1
–
E14
Tx6
Tx6
D7
INTR_B
INTR_B
L21
CBE1_B
CBE1_B
C22
ROMD0
–
F14
Tx5
Tx5
F7
RST_B
RST_B
L18
CBE0_B
CBE0_B
B22
ROMCS_B
–
D13
Tx4
Tx4
A6
CLK
CLK
K17
CWE_B
CWE_B
C21
VDD3
VDD3
B13
GND
GND
B6
GNT_B
GNT_B
K18
COE_B
COE_B
B21
GND
GND
A13
Tx3
Tx3
A5
GND
GND
K22
INITD
INITD
A21
GND
GND
E13
Tx2
Tx2
E7
VDD3
VDD3
K21
SCLK
SCLK
B20
ROMOE_B
–
F13
Tx1
Tx1
D6
REQ_B
ATTN_B
K19
GND
GND
D19
E2PDI
–
E12
Tx0
Tx0
E6
AD31
AD31
J17
ROMA15
–
A20
E2PDO
–
B12
PHRST_B
PHRST_B
A4
AD30
AD30
J18
ROMA14
–
B19
E2PCLK
–
A12
PHOE_B
PHOE_B
B5
AD29
AD29
J22
ROMA13
–
F17
E2PCS
–
D12
PHYALM/
PHR/W_B
PHYALM/
PHR/W_B
D5
GND
GND
J21
ROMA12
–
D18
Rx7
Rx7
D11
SD/PHCE_B SD/PHCE_B
F6
VDD5
VDD5
J19
ROMA11
–
B18
Rx6
Rx6
A11
REFCLK/
PHINT_B
REFCLK/
PHINT_B
B4
AD28
AD28
H22 ROMA10
–
A19
Rx5
Rx5
B11
AVDD3
AVDD3
A3
AD27
AD27
H21 ROMA9
–
E17
Rx4
Rx4
E11
AGND
AGND
D4
AD26
AD26
H19 ROMA8
–
D17
Rx3
Rx3
F10
TEST
TEST
B3
AD25
AD25
H17 VDD3
VDD3
E16
Rx2
Rx2
E10
HGND
HGND
A2
GND
GND
Remarks 1. Open the pins to which no function is allocated (pins marked “–” in the Generic Mode column in the
above table) in the Generic mode. Fix pin 5 (IDSEL) to the low/high level.
2. In this document, the active-low pin and active-low signal are represented as XXX_B (_B suffix
following the pin/signal name).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com