Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98405 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD98405
Description  MOS INTEGRATED CIRCUIT
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD98405 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD98405 Datasheet HTML 17Page - Renesas Technology Corp UPD98405 Datasheet HTML 18Page - Renesas Technology Corp UPD98405 Datasheet HTML 19Page - Renesas Technology Corp UPD98405 Datasheet HTML 20Page - Renesas Technology Corp UPD98405 Datasheet HTML 21Page - Renesas Technology Corp UPD98405 Datasheet HTML 22Page - Renesas Technology Corp UPD98405 Datasheet HTML 23Page - Renesas Technology Corp UPD98405 Datasheet HTML 24Page - Renesas Technology Corp UPD98405 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Data Sheet S12689EJ3V0DS
19
µµµµPD98405
1.2.2 PCI bus interface signal (PCI_MODE pin: high level)
The
µPD98405 has a 32-/64-bit PCI bus interface. This bus interface can be directly connected to a PCI bus. In
addition, the
µPD98405 also has a serial EEPROM interface and an expansion ROM interface.
<1>
PCI bus interface signals
(1/2)
Pin No.
Pin Name
QFP
FBGA
I/O
I/O
Level
Function
AD31 to AD0
295 to 297,
300 to 303,
3, 6, 9 to 12,
15 to 17,
34 to 36,
39 to 42,
45, 47, 48,
51 to 54,
57 to 58
E6, A4, B5,
B4, A3, D4,
B3, B1, E5,
D1, F5, F4,
G5, F1, G6,
G4, K6, L5,
L2, M4, M1,
M2, M5,
N1, N4, P6,
P2, P4, R1,
R2, R5, T1
I/O
3-state
PCI
Address/data.
AD31 to AD0 constitute a 32-bit multiplexed address/data
bus. When the
µPD98405 operates as a bus master, it
drives an address at the first clock and transfers data at the
second clock and onward.
PCBE3_B
PCBE2_B
PCBE1_B
PCBE0_B
4
18
33
46
C1
G2
K5
N2
I/O
3-state
PCI
Bus command/byte enable.
These signals define a “bus command” (bus transaction that
occurs) in the address phase. In the data phase, they
indicate which byte lane holds valid data. The PCBE3_B pin
corresponds to byte 3 (bits 31 to 24), and PCBE0_B pin
corresponds to byte 0 (bits 7 to 0).
PAR
30
K4
I/O
3-state
PCI
Parity.
This signal indicates an even parity on the AD31 to AD0 and
PCBE3_B to PCBE0_B pins, including the PAR signal.
When the
µPD98405 is operating as a master, the PAR
signal becomes active in the address and write data phases.
When the
µPD98405 is operating as a target, this signal
becomes active in the read data phase.
FRAME_B
21
H6
I/O
Sustained
3-state
PCI
Frame.
This signal indicates the start and period of a bus
transaction. When this signal is asserted active, it indicates
the start of a bus transaction. While it is active, data is
transferred. It is deasserted inactive when the next data
transfer phase will transfer last data of the transaction.
TRDY_B
23
H2
I/O
Sustained
3-state
PCI
Target ready.
This signal goes low when the target device is ready to
complete the transaction of the current data. This signal is
used in combination with IRDY_B, and read/write data
transfer is executed when both IRDY_B and TRDY_B
signals are low.
IRDY_B
22
H4
I/O
Sustained
3-state
PCI
Initiator ready.
This signal goes low when the initiator is ready to complete
the transaction of the current data. This signal is used in
combination with TRDY_B, and read/write data transfer is
executed when both IRDY_B and TRDY_B are low.
If FRAME_B and IRDY_B are both inactive, the bus cycle is
not executed. A wait cycle is inserted until both IRDY_B and
TRDY_B are asserted active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com