Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # BAV99
Description  BAV99 SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAV99 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  BAV99 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAV99 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAV99 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAV99 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0595, Rev. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAV99
BAV99 SWITCHING DIODE
Characteristic
Symbol
Limits
Unit
Reverse Voltage
VR
85
V
Forward Current
IF
200
mA
Non-Repetitive Peak Forward Surge Current @t=8.3ms
IFSM
2.0
A
Power Dissipation
PD
225
mW
Typical Thermal Resistance, Junction to Ambient Air
RθJA
556
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Reverse Breakdown Voltage*
VR
85
-
-
V
@IF=100uA
Forward Voltage*
VF
-
0.60
0.70
0.82
1.00
0.715
0.855
1
1.25
V
@IF=1mA
@IF=10mA
@IF=50mA
@IF=150mA
Reverse Leakage Current*
IR
-
0.02
2.5
uA
@VR=75V
Capacitance between terminals
CT
-
1.23
2
pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
-
-
6.0
ns
IF=IR=10mA,
IRR=0.1×IR, RL=100Ω
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Device mounted on fiberglass substrate 40×40×1.5mm
Features
Schematic & Pin Configuration
Mechanical Characteristics
Maximum Ratings@TA=25°C unless otherwise specified
Electrical Characteristics @TA=25°C unless otherwise specified
High Conductance
Fast Switching
Surface Mount Package Ideally Suited for Automatic
Insertion
For General Purpose and Switching
Plastic Material –UL Recognition Flammability
Classification 94V-O
Terminals finish: 100% Pure Tin
This is a Halogen Free Device
“-A” is an AEC-Q101 qualified device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOT-23
Case: SOT-23, Molded Plastic
Terminals: Plated leads Solderable per MIL-STD-202,
Method 208
Mounting Position: Any
Marking Code: A7


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com