Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9012A3 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9012A3
Description  Stepper Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9012A3 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9012A3 Datasheet HTML 1Page - Micro Analog systems MAS9012A3 Datasheet HTML 2Page - Micro Analog systems MAS9012A3 Datasheet HTML 3Page - Micro Analog systems MAS9012A3 Datasheet HTML 4Page - Micro Analog systems MAS9012A3 Datasheet HTML 5Page - Micro Analog systems MAS9012A3 Datasheet HTML 6Page - Micro Analog systems MAS9012A3 Datasheet HTML 7Page - Micro Analog systems MAS9012A3 Datasheet HTML 8Page - Micro Analog systems MAS9012A3 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DA9012.001
25 August 2004
4 (12)
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VIN
-0.3
6
V
Voltage Range for All Pins
-0.3
VIN + 0.3
V
ESD Rating
HBM
2
kV
Junction Temperature
TJmax
+175
(limited)
°C
Storage Temperature
TS
-55
+150
°C
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will
not be destroyed.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Supply Voltage
VDD
4.5
5.0
5.5
V
Operating Junction
Temperature
TJ
-40
+125
°C
Operating Ambient
Temperature
TA
-40
+85
°C
ELECTRICAL CHARACTERISTICS
◆ Load Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Coil resistance
RCOIL
TA = 25°C
290
Ohm
Phase inductance
LCOIL
TA = 25°C
0.4
H
◆ Current Parameters
TA = -40°C to +85°C, typical values at TA = +25°C, RCOIL = 290 Ω, VDD = 5.0 V, unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent current
ICC
All inputs at VDD or
VSS, no load
(Quad output driver
version)
300
µA
Typical supply current
consumption
IC
Quad output driver
version
76
mA
Output drive capability
IOUT
For each output pin
29
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com