Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9012A3 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9012A3
Description  Stepper Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9012A3 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9012A3 Datasheet HTML 1Page - Micro Analog systems MAS9012A3 Datasheet HTML 2Page - Micro Analog systems MAS9012A3 Datasheet HTML 3Page - Micro Analog systems MAS9012A3 Datasheet HTML 4Page - Micro Analog systems MAS9012A3 Datasheet HTML 5Page - Micro Analog systems MAS9012A3 Datasheet HTML 6Page - Micro Analog systems MAS9012A3 Datasheet HTML 7Page - Micro Analog systems MAS9012A3 Datasheet HTML 8Page - Micro Analog systems MAS9012A3 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DA9012.001
25 August 2004
5 (12)
ELECTRICAL CHARACTERISTICS...
◆ Digital Inputs
TA = -40°C to +85°C, typical values at TA = +25°C, VDD=5.0 V, unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage
VIH
VDD = 4.5…5.5V
80%
VDD
100%
VDD
V
Input Low Voltage
VIL
VDD = 4.5…5.5V
0%
VDD
20%
VDD
V
Input frequency
fIN
15
kHz
Power Dissipation
TA = -40°C to +85°C, typical values at TA = +25°C, VDD=5.0 V, unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Junction to Ambient Thermal
Resistance
RJA
typical PC board mounting,
still air, TSSOP package
100.4
°C/W
Maximum Power Dissipation
Pd
any ambient temperature,
TSSOP package
JA
A
(MAX)
J
MAX
d
R
T
T
P
=
W
Note 1
Note 1: TJ(MAX) denotes maximum operating junction temperature (+125°C), TA ambient temperature, and RJA junction-to-air thermal
resistance (+144°C/W).
Timing Characteristics
TA = -40°C to +85°C, VDD = 5.0 V, unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Signal pulse width
High or low
ns
Signal pulse width
tW
High or low
450
ns
Setup time to f(SCX)
tS
High or low
100
ns
XRESET release time to
f(SCX)
tRR
100
ns
Delay Timing Waveforms
t
W
FSCX
t
S
FSCX
t
RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com