Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC07A Datasheet(PDF) 4 Page - Texas Instruments

Part # LVC07A
Description  HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC07A Datasheet(HTML) 4 Page - Texas Instruments

  LVC07A Datasheet HTML 1Page - Texas Instruments LVC07A Datasheet HTML 2Page - Texas Instruments LVC07A Datasheet HTML 3Page - Texas Instruments LVC07A Datasheet HTML 4Page - Texas Instruments LVC07A Datasheet HTML 5Page - Texas Instruments LVC07A Datasheet HTML 6Page - Texas Instruments LVC07A Datasheet HTML 7Page - Texas Instruments LVC07A Datasheet HTML 8Page - Texas Instruments LVC07A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN54LVC07A, SN74LVC07A
HEX BUFFERS/DRIVERS
WITH OPEN-DRAIN OUTPUTS
SCAS595O – OCTOBER 1997 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 4)
SN54LVC07A(1)
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
3.5
1
2.8
3
1
2.9
1
2.6
ns
(1)
Product preview
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 4)
SN74LVC07A
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
3.5
1
2.8
3
1
2.9
1
2.6
ns
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Power dissipation capacitance
Cpd
f = 10 MHz
1.8
2
2.5
3.78
pF
per buffer/driver
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com