Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC07A Datasheet(PDF) 1 Page - Texas Instruments

Part # LVC07A
Description  HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC07A Datasheet(HTML) 1 Page - Texas Instruments

  LVC07A Datasheet HTML 1Page - Texas Instruments LVC07A Datasheet HTML 2Page - Texas Instruments LVC07A Datasheet HTML 3Page - Texas Instruments LVC07A Datasheet HTML 4Page - Texas Instruments LVC07A Datasheet HTML 5Page - Texas Instruments LVC07A Datasheet HTML 6Page - Texas Instruments LVC07A Datasheet HTML 7Page - Texas Instruments LVC07A Datasheet HTML 8Page - Texas Instruments LVC07A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
SN74LVC07A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LVC07A . . . J OR W PACKAGE
SN74LVC07A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LVC07A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
DESCRIPTION/ORDERING INFORMATION
SN54LVC07A, SN74LVC07A
HEX BUFFERS/DRIVERS
WITH OPEN-DRAIN OUTPUTS
SCAS595O – OCTOBER 1997 – REVISED JULY 2005
•
Operate From 1.65 V to 5 V
•
Max t
pd of 2.6 ns at 5 V
•
Inputs and Open-Drain Outputs Accept
•
Latch-Up Performance Exceeds 250 mA Per
Voltages up to 5.5 V
JESD 17
These hex buffers/drivers are designed for 1.65-V to 5.5-V VCC operation.
The outputs of the 'LVC07A devices are open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 24 mA.
Inputs can be driven from 1.8-V, 2.5-V, 3.3-V (LVTTL), or 5-V (CMOS) devices. This feature allows the use of
these devices as translators in a mixed-system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LVC07ARGYR
LC07A
Tube of 50
SN74LVC07AD
SOIC – D
Reel of 2500
SN74LVC07ADR
LVC07A
Reel of 250
SN74LVC07ADT
SOP – NS
Reel of 2000
SN74LVC07ANSR
LVC07A
–40
°C to 85°C
SSOP – DB
Reel of 2000
SN74LVC07ADBR
LC07A
Tube of 90
SN74LVC07APW
TSSOP – PW
Reel of 2000
SN74LVC07APWR
LC07A
Reel of 250
SN74LVC07APWT
TVSOP – DGV
Reel of 2000
SN74LVC07ADGVR
LC07A
CDIP – J
Tube of 25
SNJ54LVC07AJ
SNJ54LVC07AJ
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54LVC07AW
SNJ54LVC07AW
LCCC – FK
Tube of 55
SNJ54LVC07AFK
SNJ54LVC07AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRO-
Copyright © 1997–2005, Texas Instruments Incorporated
DUCTION DATA information current as of publication date. Prod-
ucts conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.


Similar Part No. - LVC07A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LVC07A TI-LVC07A Datasheet
685Kb / 19P
HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - LVC07A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV07A HITACHI-HD74LV07A Datasheet
45Kb / 11P
Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A Datasheet
94Kb / 8P
Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV07A TI1-SN74LV07A Datasheet
973Kb / 22P
Hex Buffers/Drivers With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com