Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-210GP-ATO2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-210GP-ATO2E
Description  10" Ubiquitous Opened-Frame Touch Computer UTC-210G with Intel® Celeron® N3350 / Pentium® N4200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-210GP-ATO2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-210GP-ATO2E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-210GP-ATO2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
UTC-210
Dimensions
Unit: mm
Preliminary Ordering Information
Part No.
Description
UTC-210GP-ATO2E
10.1" Pcap, N3350, 2G RAM, Openframe
UTC-210GP-ATO1E
10.1" Pcap, N4200, 2G RAM, Openframe
1700001524
Power Cord 3P UL 10A 125V 180cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
170203183C
Power Cord 3P Europe (WS-010+WS-083)183cm
1700021374-01
Power Cord 3P CCC 2.5A 250V 250cm
(IEC60320-C5)
Peripherals for UTC-210 series
Tentative Part No.
Description
TBD
5M Camera Module, Black, for UTC-207/UTC-210 series
TBD
RFID Reader, Black, for UTC-207/UTC-210 series
TBD
LED Light Bar, for UTC-207/UTC-210 series
TBD
USB3.0x2, Black, for UTC-210
TBD
M.2 wifi, 802.11 a/b/g/n/ac, 2T2R, BT4.2, A-E key, for
UTC-210
TBD
SPEAKER 2W, L180mm 29.5 x 14 x 9 mm, for UTC-207/
UTC-210 series
TBD
Rear cover for UTC-210
268.98
246.97
206.98
218.96
16-R1.75
4-R3
8-R2
155
9
31.46
62
96.29
Fully- Integrated I/O
A. Power Button
B. COM W/RS-232
C. COM W/RS-232/422/485
D. LAN Port
E. LAN Port
F. USB3.0 x 2
G. DC Power Jack
A
B
C
D
E
F
G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com