Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-210GP-ATO2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-210GP-ATO2E
Description  10" Ubiquitous Opened-Frame Touch Computer UTC-210G with Intel® Celeron® N3350 / Pentium® N4200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-210GP-ATO2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-210GP-ATO2E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-210GP-ATO2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Interactive Self-service Terminals
Features
UTC-210
ƒ
Low power and fanless system design
ƒ
Built-in Intel® Celeron® N3350 / Pentium® N4200
ƒ
10.1" monitor with 16:10 widescreen display
ƒ
Supports both landscape and portrait screen orientations
ƒ
PoE supported on Celeron® N3350 / Pentium® N4200 platform
Preliminary
10" Ubiquitous Opened-Frame Touch Computer
UTC-210G with Intel® Celeron® N3350 /
Pentium® N4200
Introduction
UTC-210 features one-piece solution and fan-less design that easy to embedded into kiosk chassis or wall mount type. Continuation of the advantage from UTC series, It is easy to
integrate key peripherals and display systems for diversified self-service and interactive signage deploy in different application areas. The systems deliver updated information with
well-designed interactive interfaces, fully ensure relevant content and targeted promotions are delivered.
Specifications
Processor System
CPU
Intel® Celeron® N3350 (UTC-210G)
Intel® Pentium® N4200 (UTC-210G)
Base Frequency
1.10 GHz (Dual-Core)
1.10 GHz (Quad-Core)
Cache
L2 Cache 1MB
L2 Cache 2MB
Memory
1 x SO-DIMM DDR3L 1866 MHz up to 8 GB
1 x SO-DIMM DDR3L 1866 MHz up to 8 GB
Storage
1 x M.2 2242 SSD
Network (LAN)
2 x Gigabit Ethernet ports (Supports Wake on LAN)
I/O ports
2 x RS-232 COM (COM2 RS-232/422/485)
2 x USB3.0 / 2 x USB3.0 (optional)
2 x Gigabit Ethernet ports (1 with PoE)
Stereo Speaker (Optional)
1 x 2W
Bus expansion
1 x M.2 key2230, 1 x M.2 key2242
Dimensions (W x H x D)
247 x 165.6 x 33.2 mm
Weight
1.3kg (2.87lbs)
OS Support (Optional)
Win 10 IoT Enterprise 64bit
Android 6.0/8.1/10
Linux
Environmental
Specifications
Operating Temperature
0 ~ 40 °C (32 ~ 104 °F)*
0 ~ 40 °C (32 ~ 104 °F)*
Relative Humidity
10 ~ 95% @ 40 °C non-condensing
Vibration
0.5G
Shock
10G peak acceleration (11 msec. duration)
Certification
CE, FCC
Power Supply
DC Input Rating
12 V/3 A ~ 24 V/1.5 A, 36W ITE Adapter
PoE
Optional IEEE 802.3at/30W
Power consumption
Typical 25W
Max. 34W
LCD Display
Size/Type
10.1" TFT LCD with LED backlight
Max.Resolution
1280 x 800
Max. Color
16.7M
Pixel Pitch (um)
169.5 x 169.5
Brightness (cd/m2)
350
View Angle
170°/ 170°
Touch Screen Option
(PE/GE)
Type
Projected Capacitive. Glass Panel
Light Transmission
80% ± 5% / 90%
Controller
USB Interface
All product specifications are subject to change without notice.
Last updated: 13-Sep-2021


Similar Part No. - UTC-210GP-ATO2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-215 ADVANTECH-UTC-215 Datasheet
437Kb / 2P
15.6" Open-frame panel PC UTC-215F with Intel® Core™ i5-6300U UTC-215G with Intel® Pentium® N4200
22-Mar-2022
UTC-215FP-ATO0E ADVANTECH-UTC-215FP-ATO0E Datasheet
437Kb / 2P
15.6" Open-frame panel PC UTC-215F with Intel® Core™ i5-6300U UTC-215G with Intel® Pentium® N4200
22-Mar-2022
UTC-215GP-ATO0E ADVANTECH-UTC-215GP-ATO0E Datasheet
437Kb / 2P
15.6" Open-frame panel PC UTC-215F with Intel® Core™ i5-6300U UTC-215G with Intel® Pentium® N4200
22-Mar-2022
More results

Similar Description - UTC-210GP-ATO2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-115 ADVANTECH-UTC-115 Datasheet
681Kb / 2P
15.6 Ubiquitous Touch Computer UTC-115G with Intel® Pentium® N4200
10-Sep-2020
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
PICO-APL4-SEMI AAEON-PICO-APL4-SEMI Datasheet
483Kb / 2P
PICO-SEMI TurnKit with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/10/04
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
logo
AAEON Technology
UPS-APLC2F-A20-0232 AAEON-UPS-APLC2F-A20-0232 Datasheet
611Kb / 2P
UP Squared Developer Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
logo
Advantech Co., Ltd.
UTC-120 ADVANTECH-UTC-120 Datasheet
984Kb / 4P
21.5" Ubiquitous Touch Computer UTC-120G with Pentium® N4200
10-Nov-2022
UTC-124 ADVANTECH-UTC-124 Datasheet
892Kb / 4P
23.8" Ubiquitous Touch Computer UTC-124G1 with Celeron® J3455
10-Nov-2022
UTC-207 ADVANTECH-UTC-207 Datasheet
418Kb / 2P
7" Ubiquitous Opened-Frame Touch Computer UTC-207G with Intel® Celeron® N3350/ Pentium® N4200
13-Sep-2021
UTC-515 ADVANTECH-UTC-515_V04 Datasheet
855Kb / 4P
15.6" Ubiquitous Touch Computer UTC-515J with Intel® Celeron® J6412
27-Dec-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com