Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5865 Datasheet(PDF) 2 Page - Rohm

Part # 2SC5865
Description  Transistors High voltage discharge, High speed switching, Low Noise (60V, 1A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5865 Datasheet(HTML) 2 Page - Rohm

  2SC5865 Datasheet HTML 1Page - Rohm 2SC5865 Datasheet HTML 2Page - Rohm 2SC5865 Datasheet HTML 3Page - Rohm 2SC5865 Datasheet HTML 4Page - Rohm 2SC5865 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5865
Transistors
2/4
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVEBO
ICBO
IEBO
VCE(sat)
fT
hFE
Cob
ton
Min.
6
−
−
−
120
−
−
−
−
−
250
−−
10
50
−
1.0
1.0
−
200
500
390
−
−
−
IE=100
µA
VCE
=2V, IC=100mA
VCB
=40V
VEB
=4V
IC
=500mA, IB=50mA
IC
=1A,
IB1
=100mA
IB2
=
−100mA
VCC 25V
VCE
=10V, IE=
−100mA, f=10MHz
VCB
=10V, IE=0mA, f=1MHz
V
µA
µA
MHz
mV
pF
ns
tstg
−
130
−
ns
tf
−
50
−
ns
Typ.
Max.
Unit
Conditions
BVCBO
60
−−
V
IC
=100
µA
Collector-base breakdown voltage
Collector cut-off current
DC current gain
Transistor frequency
Collector output capacitance
Turn-on time
Storage time
Fall time
Emitter cut-off current
Collector-emitter saturatioin voltage
BVCEO
60
−−
IC
=1mA
V
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
∗2
∗1
∗1 Non repetitive pulse
∗2 See switching characteristics measurement circuits
hFE RANK
QR
120-270
180-390



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com