Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5865 Datasheet(PDF) 4 Page - Rohm

Part # 2SC5865
Description  Transistors High voltage discharge, High speed switching, Low Noise (60V, 1A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5865 Datasheet(HTML) 4 Page - Rohm

  2SC5865 Datasheet HTML 1Page - Rohm 2SC5865 Datasheet HTML 2Page - Rohm 2SC5865 Datasheet HTML 3Page - Rohm 2SC5865 Datasheet HTML 4Page - Rohm 2SC5865 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5865
Transistors
4/4
0.1
10
100
1
1
10
100
Ta
=25°C
f=1MHz
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.10 Collector output capacitance
0.01
0.1
10
1
0
0.5 0.6 0.7 0.8 0.9
1.1 1.2 1.3 1.4
0.1 0.2 0.3 0.4
1
1.5
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.11 Ground emitter propagation
characteristics
Ta
=125°C
Ta
=25°C
Ta
=−40°C
Switching characteristics measurement circuits
COLLECTOR CURRENT
WAVEFORM
BASE CURRENT
WAVEFORM
IB1
IB1
90%
10%
IB2
IB2
IC
VIN
PW
IC
RL=25
Ω
VCC
25V
PW
50 S
Duty cycle
1%
Ton
Tstg Tf



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com