Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-300P-R21E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-300P-R21E
Description  18.5" Ubiquitous Touch Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-300P-R21E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-300P-R21E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-300P-R21E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-300P-R21E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-300P-R21E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
UTC-318F/H/I
Specifications (Cont.)
475.0
100.0
100.0
22.9
7.0
460.7
435.0
462.2
Dimensions
Unit: mm
Power Supply
Input Voltage
12-30VDC
Power Consumption
Typical 32W, Max. 70W
Adapter
12V 7A, 84W or 12V 8A, 96W ITE adapter (dependent on stock)
LCD Display
Size
18.5" TFT LCD
Max Resolution
1366 x 768 (FHD 1920 x 1080 Optional)
Max Color
16.7M
Pixel Pitch (um)
100(H) x 300(V) HD/ 213(H) x 213(V) FHD Optional
Brightness (cd/m2)
250(Typical)/ 350 (FHD Optional)
View Angle
178/178
Touch Screen
Type
Analog Resistive 5-wires (Res. Flat Glass) / Projected Capacitive Touch Panel (Pcap. Flat Glass)
Light Transmission
Res. Touch: 80% ± 3% / P-Cap Touch: 85%
Controller
COM interface / USB interface
DeviceOn/iService
Remote Device Management
Operating System
Windows 10
Common Controls (Reboot,
Shutdown)
Remote desktop
(VNC)
Audio Controls
*
Connection Status
Hardware Status
*
Hard Disk Status
*
Batch Operation Support
OTA Storage Management
FTP
OTA Software Updates
Software Watchlist
Software Start/Stop
*
Note: DeviceOn/iService software must be downloaded from the Advantech website at https://www.advantech.com/search/?q=DeviceOn%2FiService&st=support&sst=Utility
*Dependant on device model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com