Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-300P-R21E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # UTC-300P-R21E
Description  18.5" Ubiquitous Touch Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-300P-R21E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  UTC-300P-R21E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-300P-R21E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-300P-R21E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-300P-R21E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Interactive Self-service Terminals
Peripherals for UTC-300 series
Part No.
Description
UTC-300P-C20E
5M Camera Module, White, for UTC-300 series
UTC-300P-C21E
5M Camera Module, Black, for UTC-300 series
UTC-300P-M20E
Magnet Strip Reader, White, for UTC-300 series
UTC-300P-M21E
Magnet Strip Reader, Black, for UTC-300 series
UTC-300P-R20E
RFID Reader, White, for UTC-300 series
UTC-300P-R21E
RFID Reader, Black, for UTC-300 series
UTC-300P-S20E
Smart Card Reader, White, for UTC-300 series
UTC-300P-S21E
Smart Card Reader, Black, for UTC-300 series
UTC-300P-B60E
2D Barcode Reader, White for UTC-300 series
UTC-300P-B61E
2D Barcode Reader, Black for UTC-300 series
Power Cord Ordering Information
Part NO.
Description
1702002605
Power cord 2P FRANCE 10A/16A 220V 1.83M 90D
1702002600
Power Cord 3P UL/CSA(USA) 125V 10A 1.83M 180D
1700000596-11
Power Cord (China) CCC,10A 250V, 3P 1830mm
1700018704
Power Cord UK BSI 2P 10A 250V 180cm 18AWG
1700000237
Power Cord PSE 3P 12A 125V 183cm
1700001714
Power Cord BSMI 3P 7A 125V 183cm
Ordering Information
Part No.
Description
UTC-318FR-ATW0E
18.5" White, Intel® Core™ i5-6300U, Res T/S 4GB RAM, IT Adapter
UTC-318FR-ATB0E
18.5" Black, Intel® Core™ i5-6300U, Res T/S 4GB RAM, IT Adapter
UTC-318FP-ATW0E
18.5" White, Intel® Core™ i5-6300U, PCap T/S 4GB RAM, IT Adapter
UTC-318FP-ATB0E
18.5" Black, Intel® Core™ i5-6300U, PCap T/S 4GB RAM, IT Adapter
UTC-318HR-ATW0E
18.5" White, Intel® Core™ i5-8365UE, Res T/S, 8GB RAM, IT Adapter
UTC-318HR-ATB0E
18.5" Black, Intel® Core™ i5-8365UE, Res T/S, 8GB RAM, IT Adapter
UTC-318HP-ATW0E
18.5" White, Intel® Core™ i5-8365UE, PCap T/S, 8GB RAM, IT Adapter
UTC-318HP-ATB0E
18.5" Black, Intel® Core™ i5-8365UE, PCap T/S, 8GB RAM, IT Adapter
UTC-318IR-ATW0E
18.5" White, Intel® Core™ i5-1145G7E, Res T/S, 8GB RAM, IT Adapter
UTC-318IR-ATB0E
18.5" Black, Intel® Core™ i5-1145G7E, Res T/S, 8GB RAM, IT Adapter
UTC-318IP-ATW0E
18.5" White, Intel® Core™ i5-1145G7E, PCap T/S, 8GB RAM, IT Adapter
UTC-318IP-ATB0E
18.5" Black, Intel® Core™ i5-1145G7E, PCap T/S, 8GB RAM, IT Adapter
UTC-318IP-ATB1E
18.5" Black, Intel® Core™ i3-1115G4E, PCap T/S, 8GB RAM, IT Adapter
*White Touch Bezel and other CPU configuration could be customized by customer request with MOQ
UTC-318 WiFi Ordering Information
Part No.
Description
UTC-300P-W11E
WiFi Kit for UTC-318F
(MiniPCIe, WiFi and Bluetooth)
UTC-300P-W12E
WiFi Kit for UTC-318H/I
(M.2 2230, WiFi and Bluetooth)
UTC-300P-W13E
Wifi Kit for UTC-318F
UTC-300P-W14E
Wifi Kit for UTC-318H/I
Installation Accessory
Part No.
Description
UTC-300P-D20E
Desk Stand, Single Color-Silver (UTC-318/UTC-320
series)
UTC-T01-STANDE
Triangle shape floor stand (UTC-315/UTC-318/
UTC-320 series)
UTC-H01-STANDE
H-shaped floor stand (UTC-315/UTC-318/UTC-320
series)
UTC-PANEL-MOUNT5E
Panel Mount Kit (UTC-318 Series)
ARES-12240-AR01100
Wall Mount Kit, support 2~10kg, VESA 75/100mm
(Tiltable)
ARES-12250-L101000
Wall Mount Kit, Max. support 25kg, VESA 75/100mm
(Fixed)
Fully-Integrated I/O
UTC-318F
UTC-318H/I
A
A
B
B
C
C
D
D
F
F
G
E
E
G
I
I
H
H
J
J
A. COM1
B. COM2
C. Mic-in
D. Line-Out
E. LAN ports x 2
F. HDMI
G. USB 2.0 x 2 / USB 3.0 x 4
H. RJ-11 (12V output only)
I. Power button
J. DC input 12-30V
A. COM1
B. COM2
C. Mic in
D. Line out
E. LAN ports x 2
F. HDMI
G. DP (UTC-318H)
H. USB 3.1 x 6 (UTC-318H)
USB 2.0 x 2 /USB 3.2 x 4 (UTC-318I)
I. DC input 12-30V
J. Power button
UTC-318F/H/I



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com