Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7050 Datasheet(PDF) 11 Page - ams AG

Part # AS7050
Description  Analog Frontend for Vital Sign Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7050 Datasheet(HTML) 11 Page - ams AG

Back Button AS7050 Datasheet HTML 7Page - ams AG AS7050 Datasheet HTML 8Page - ams AG AS7050 Datasheet HTML 9Page - ams AG AS7050 Datasheet HTML 10Page - ams AG AS7050 Datasheet HTML 11Page - ams AG AS7050 Datasheet HTML 12Page - ams AG AS7050 Datasheet HTML 13Page - ams AG AS7050 Datasheet HTML 14Page - ams AG AS7050 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Document Feedback
AS7050
Electrical Characteristics
Short Datasheet
• PUBLIC
DS001051
• v1-00 • 2022-Mar-31
19
│ 11
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ppg_ios_fs=3
8
ppg_ios_fs=4
16
ppg_ios_fs=5
32
ppg_ios_fs=6
64
ppg_ios_fs=7
128
CPD
Total
photodiode
capacitance
connected to
PPG_ADC
0 V reserve voltage
60
300
pF
IPD
Photo current
input
RTIA (TIA gain)
values 9.375 k
-
1.2 M
;
(∑ signal range 1 µA-
64 µA)
0
64
µA
ECG
VIN_SIG
Input signal
ECG
Max ECG input signal
according to IEC
60601-2-47, chapter
201.12.4.4.101
-10
10
mV
VIN_DC_OFF
Input DC
offset
Max ECG DC Offset
voltage according to
IEC60601-2-47,
chapter
201.12.4.4.101
-300
300
mV
VNoise, p-v
Input-related
peak to
valley noise
Measured at the
output of ECG
amplifier in the
frequency range of fIN
according to IEC
60601-2-47, chapter
201.12.4.4.106
50
µV
RIN
Input
Impedance
According to IEC
60601-2-47, chapter
201.12.4.4.102
100
MΩ
VECG_REF
ECG_REF
voltage
ecg_ref_enable = 1
0.8
V
VECG_ref_in
ECG Ref
Input voltage
Input from reference
block
0.8
V
ECG-MODE DSM Interface
ECG_CR
ECG
conversion
rate
19-bit resolution
8
kSps
ECG_P_TOTAL
Power
consumption
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com