Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7050 Datasheet(PDF) 13 Page - ams AG

Part # AS7050
Description  Analog Frontend for Vital Sign Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7050 Datasheet(HTML) 13 Page - ams AG

Back Button AS7050 Datasheet HTML 9Page - ams AG AS7050 Datasheet HTML 10Page - ams AG AS7050 Datasheet HTML 11Page - ams AG AS7050 Datasheet HTML 12Page - ams AG AS7050 Datasheet HTML 13Page - ams AG AS7050 Datasheet HTML 14Page - ams AG AS7050 Datasheet HTML 15Page - ams AG AS7050 Datasheet HTML 16Page - ams AG AS7050 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Document Feedback
AS7050
Electrical Characteristics
Short Datasheet
• PUBLIC
DS001051
• v1-00 • 2022-Mar-31
19
│ 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Analog Front End
VOUT_DAC
Output
voltage DAC
dac_value<9:0>
0x3FF
REF_ADC=1.6 V
1.6
V
VOUT_AFE
Output
voltage range
AFE
0.3
1.4
V
RRANGE
Bias resistor
trimming
range
Across process and
voltage corners, 25 °C
500
CGPIO
Load
capacitance
GPIO1/2
50
pF
LDO
VLDO
HV power supply if
LDO_EN >1.26 V
2.3
5.5
V
if LDO_EN < 0.56 V
VDD
V
VLDO1V8
Output
voltage
Output voltage in
operating mode
1.8
V
CLDO
Output
capacitance
External blocking
capacitance
1
µF
GPIO
VIH
Input high
Switching threshold
while rising edge of
input signal is
introduced
0.54
1.26
V
VIL
Input low
Switching threshold
while falling edge of
input signal is
introduced
0.54
1.26
V
VOH
Output high
Pin’s source load
current is 2 mA
condition: E2=E4=”1”
(full available driver
strength)
VDDIO-0.4
V
VOL
Output low
Pin’s sink load current
is 2 mA
condition: E2=E4=”1”
(full available driver
strength)
0.4
V
SDA_MOSI, SCL, EXTCLK, CSXN, IFSEL, LDO_EN
VIH
Input high
Switching threshold
while rising edge of
input signal is
introduced
0.54
1.26
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com