Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIRA130 Datasheet(PDF) 21 Page - ams AG

Part # MIRA130
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

MIRA130 Datasheet(HTML) 21 Page - ams AG

Back Button MIRA130 Datasheet HTML 17Page - ams AG MIRA130 Datasheet HTML 18Page - ams AG MIRA130 Datasheet HTML 19Page - ams AG MIRA130 Datasheet HTML 20Page - ams AG MIRA130 Datasheet HTML 21Page - ams AG MIRA130 Datasheet HTML 22Page - ams AG MIRA130 Datasheet HTML 23Page - ams AG MIRA130 Datasheet HTML 24Page - ams AG MIRA130 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Document Feedback
Mira130
Electro-Optical Characteristics
Datasheet
• PUBLIC
DS000715
• v5-00 • 2022-Apr-05
53
│ 21
7
Electro-Optical Characteristics
This section shows the typical electro-optical characteristics of Mira130, measured in typical
conditions.
Figure 15:
Electro-Optical Characteristics of Mira130
Parameter
Value
Remark
Active pixels
1080 (H) x 1280 (V)
Pixel size
2.7 x 2.7 µm2 BSI
Pixel type
Voltage Domain Global Shutter
Optical format
1/4"
Full well charge
9 ke-
Linear full well
Temporal noise
< 8 e-
Dynamic range
57 dB in normal mode
100 dB in HDR mode
In-pixel HDR allows exceptional
performance
SNR
40 dB
PLS
1/7500
Responsivity
7000 mV/lux*s
Quantum efficiency in NIR
58% at 850 nm
36% at 940 nm
See QE measurement curve:
Figure 16
Maximum frame rate
Non-HDR:1080 H x 1280 V @10-bit 120 fps
HDR (HDRC on): 1080 H x 1280 V @10-bit <60 fps
HDR (HDRC off): 1080 H x 1280 V @10-bit 120 fps
Output interface
10/8-bit 4lane MIPI
10/8-bit 4lane LVDS
Output format
RAW / MONO
CRA
25 degree
See Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com