Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP14 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST12LP14
Description  2.4 GHz Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP14 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST12LP14 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Specifications
2.4 GHz Power Amplifier
SST12LP14
3
©2005 SST Communications Corp.
S71279-00-000
1/05
PIN ASSIGNMENTS
FIGURE 1: PIN ASSIGNMENTS FOR 16-CONTACT VQFN
PIN DESCRIPTIONS
TABLE 1: PIN DESCRIPTION
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
The center pad should be connected to RF ground with
several low inductance, low resistance vias.
NC
1
No Connection
Unconnected pins.
RFIN
2
I
RF input, DC decoupled
RFIN
3
I
RF input, DC decoupled
NC
4
No Connection
Unconnected pins.
VCCb
5
Power Supply
PWR
Supply voltage for bias circuit
VREF1
6
PWR
1st stage idle current control
VREF2
7
PWR
2nd stage idle current control
Det_ref
8
O
On-chip power detector reference
Det
9
O
On-chip power detector
RFOUT
10
O
RF output
RFOUT
11
O
RF output
VCC2
12
Power Supply
PWR
Power supply, 2nd stage
NC
13
No Connection
Unconnected pins.
NC
14
No Connection
Unconnected pins.
NC
15
No Connection
Unconnected pins.
VCC1
16
Power Supply
PWR
Power supply, 1st stage
T1.0 1279
5
6
8
16
15
14
9
11
12
10
13
VCC2
RFOUT
RFOUT
Det
2
1
4
3
NC
RFIN
RFIN
NC
7
1279 16-vqfn P1.1
Top View
(contacts facing down)
RF and DC GND
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com