Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP14 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP14
Description  2.4 GHz Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP14 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP14 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP14 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 SST Communications Corp.
S71279-00-000
1/05
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
•
High Gain:
– Typically 30 dB gain across 2.4~2.5 GHz over
temperature 0°C to +80°C
•
High linear output power:
– >26.5 dBm P1dB
– Meets 802.11g OFDM ACPR requirement up to
23 dBm
– Added EVM ~4% up to 20 dBm for
54 Mbps 802.11g signal
– Meets 802.11b ACPR requirement up to 24 dBm
•
High power-added efficiency/Low operating
current for both 802.11g/b applications
–~22% @ POUT = 22 dBm for 802.11g
–~26% @ POUT = 23.5 dBm for 802.11b
•
Built-in Ultra-low IREF power-up/down control
–IREF <4 mA
•
Low idle current
–~60 mA ICQ
•
High-speed power-up/down
– Turn on/off time (10%~90%) <100 ns
– Typical power-up/down delay with driver delay
included <200 ns
•
High temperature stability
– ~1 dB gain/power variation between 0°C to +80°C
– ~1 dB detector variation over 0°C to +80°C
•
Low shut-down current (< 0.1 µA)
•
On-chip power detection
•
25 dB dynamic range on-chip power detection
•
Simple input/output matching
•
Packages available
– 16-contact VQFN (3mm x 3mm)
– Non-Pb (lead-free) packages available
APPLICATIONS:
•
WLAN (IEEE 802.11g/b)
•Home RF
•
Cordless phones
•
2.4 GHz ISM wireless equipment
PRODUCT DESCRIPTION
The SST12LP14 is a high-performance power amplifier IC
based on the highly-reliable InGaP/GaAs HBT technology.
The SST12LP14 can be easily configured for high-power,
high-efficiency applications with superb power-added effi-
ciency while operating over the 2.4~2.5 GHz frequency
band. It typically provides 30 dB gain with 22% power-
added efficiency @ POUT = 22 dBm for 802.11g and 27%
power-added efficiency @ POUT = 24 dBm for 802.11b.
The SST12LP14 has excellent linearity, typically <4%
added EVM up to 20 dBm output power which is essential
for 54 Mbps 802.11g operation while meeting 802.11g
spectrum mask at 23 dBm. The SST12LP14 also has
wide-range (>25 dB), temperature-stable (~1 dB over
80°C), single-ended/differential power detectors which
lower users’ cost on power control.
The power amplifier IC also features easy board-level
usage along with high-speed power-up/down control. Ultra-
low reference current (total IREF <4 mA) makes the
SST12LP14 controllable by an on/off switching signal
directly from the baseband chip. These features coupled
with low operating current make the SST12LP14 ideal for
the final stage power amplification in battery-powered
802.11g/b WLAN transmitter applications.
The SST12LP14 is offered in 16-contact VQFN package.
See Figure 1 for pin assignments and Table 1 for pin
descriptions.
2.4 GHz Power Amplifier
SST12LP14
SST12LP142.4 GHz Power Amplifier


Similar Part No. - SST12LP14

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A-QVCE SST-SST12LP14A-QVCE Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A-QVCE-K SST-SST12LP14A-QVCE-K Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C-QVCE SST-SST12LP14C-QVCE Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
More results

Similar Description - SST12LP14

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024 Datasheet
352Kb / 6P
0.5 W, 2.4 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
List of Unclassifed Man...
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
ATMEL Corporation
T7023 ATMEL-T7023 Datasheet
203Kb / 11P
Bluetooth 2.4-GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
2.4-2.5 GHz Power Amplifier
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
2.4 GHz Power Amplifier
SKY85004-11 SKYWORKS-SKY85004-11 Datasheet
186Kb / 2P
2.4 GHz 802.11ac Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com