Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP10 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST12LP10
Description  2.4 GHz High-Linearity Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP10 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST12LP10 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Specifications
2.4 GHz High-Linearity Power Amplifier
SST12LP10
7
©2005 SST Communications Corp.
S71280-00-000
1/05
TWO-TONE MEASUREMENTS
TEST CONDITIONS: VCC = 3.3V, TA = 25°C, F1 = 2.45 GHZ, F2 = 2.451 GHZ
FIGURE 5: RF OUTPUT POWER
FIGURE 6: GAIN VS POUT
FIGURE 7: ICC VS POUT
FIGURE 8: IM3 VS POUT
FIGURE 9: HARMONICS
10
12
14
16
18
20
22
24
26
28
-15
-13
-11
-9
-7
-5
-3
-1
1
PIN (dBm)
20
21
22
23
24
25
26
27
28
510
15
20
25
30
Pout (dBm)
0
50
100
150
200
250
300
350
400
450
510
15
20
25
30
Pout (dBm )
0
10
20
30
40
50
60
5
1015
2025
30
Pout (dBm )
0
10
20
30
40
50
60
5
1015
2025
Pout (dBm )
-60
-50
-40
-30
-20
-10
0
10
15
20
25
30
Pout (dBm )
2nd Harmonic
3rd Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com