Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP10 Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST12LP10
Description  2.4 GHz High-Linearity Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP10 Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST12LP10 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 12Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Specifications
2.4 GHz High-Linearity Power Amplifier
SST12LP10
9
©2005 SST Communications Corp.
S71280-00-000
1/05
FIGURE 11: 802.11B SIGNAL OUTPUT MASK AT 24 DBM
FIGURE 12: TYPICAL SCHEMATIC FOR HIGH-POWER, HIGH-EFFICIENCY 802.11B/G APPLICATIONS
-70
-60
-50
-40
-30
-20
-10
0
2.35
2.4
2.45
2.5
2.55
Fre quency (GHz)
2.412GHz
2.452GHz
2.482GHz
2
5
6
7
8
11
16
15
1
C2 1.2pF
50
Ω/125mil
50
Ω RFOUT
C1 47pF
C3 10pF
C11 47pF
C10 2.4p
50
Ω/140mil
50
Ω RFin
VREG1
VREG2
14
13
L1
12nH/0805
C8 0.1 µF
C9 4.7 µF
C7 1000pF
Vcc
3
4
10
C5 100pF
C6 0.1 µF
R2 0
Ω*
R1 0
Ω*
*
R2 and R3 can be adjusted to fit any
reference voltage supply between
2.7~3.3V, e.g. R1=R2=0
Ω for
VREG1=VREG2=2.7V and R1=100
R2=100
Ω for VREG1=VREG2=2.8V.
Bias circuit
12
9
C4 10pF
1280 Schematic.0.1
Center slug to RF ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com