Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9118 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9118
Description  Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9118 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9118 Datasheet HTML 1Page - Micro Analog systems MAS9118 Datasheet HTML 2Page - Micro Analog systems MAS9118 Datasheet HTML 3Page - Micro Analog systems MAS9118 Datasheet HTML 4Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 (4)
DAEV9118.001
29 January, 2002
The audio quality test is best performed by using the
build-in sine generator of the buzzer.exe program. It
is started by typing
EX]]HU±SSRUW±VIUHT±DDWWHQ
where
SRUW is the parallel port of the PC used for
the data transfer (0…3) and
#
IUHT is the sine frequency in Hz and
#
DWWHQ is the attenuation of the sine amplitude in dB
(
≥ 0).
For example, a test signal using parallel port 1 of the
PC, having peak signal to noise ratio at 1000 Hz and
1 dB attenuation of the maximum level is obtained
by typing
EX]]HU±S±V±D
The wave files can be played by typing
EX]]HU±ZILOHZDY [-f/F] [-c/C] [-d/D]
where
ILOHZDY is the name of an 8-bit wave file
(sample frequency 62.5 kHz) and
-f turns additional highpass filter on (default)
-F turns additional highpass filter off
-c turns dynamic compander on (default)
-C turns dynamic compander off
-d turns dynamic booster on
-D turns dynamic booster off (default)
Note that the wav file has to be in a specific format.
2QO\ WKH ZDY ILOHV ZLWK WKH VDPSOH UDWH RI 
N+] FDQ EH SOD\HG FRUUHFWO\ ZLWK WKH HYDOXDWLRQ
NLW VLQFH LWV FORFN IUHTXHQFLHV DUH IL[HG
Additionally the wav files have to be in mono and
signed 8-bit format. The conversion from the CD
quality data (44.1 kHz, 16-bit, stereo) to the
evaluation kit's format (62.5 kHz, 8-bit, mono) can
be easily made with the most of the audio softwares.
1RWH WKDW LI WKH ZDYH ILOH VSHFLILHG DIWHU Z
FDQQRW EH IRXQG WKH 3& KDV WR EH UHVWDUWHG LQ
RUGHU WR JHW WKH EX]]HUH[H SURJUDP WR UXQ
SURSHUO\DJDLQ
At the nominal output voltage of 3.6 V the on-board
voltage regulator (R1) can deliver required current to
the class-D output stage of MAS9118. At higher
voltages (up to 5.5 V) an external voltage source
should be used if the load is as low as 8 Ohms. The
external
voltage
source
should
be
connected
between the lower pin of the jumper X4 (jumper
short removed) and the left pin of the jumper X6
(board ground), see figure 2.
Figure 2.
'HOLYHUDEOHV
MAS9118 evaluation kit consists of the following
deliverables:
1
MAS9118 evaluation board V2.0 (2 pieces)
2
Control bus cable
3
Disk containing buzzer.exe, cwsdpmi.exe,
sample wave files and the data sheets of
MAS9118 and the evaluation kit
5HYLVLRQQRWHV
Due to the class-D operation MAS9118 generates
some out-of-band noise, which may cause problems
for test equipment when using automatic scaling.
For example Audio Precision audio analyzer will
generate much additional distortion due to signal
overload when auto scaling is used. Auto scaling
does not take into account the existing high
frequency components causing wrong scaling and
leading to distortious signal clipping.
Also some test equipment can not synchronize to
the test sine frequency due to the out-of-band noise.
Usually a first order RC filter, when added before the
input of the test equipment, filters out the high
switching frequency. Remember to use high quality
components
(especially
capacitor)
in
order
to
minimize the additional distortion caused by this
filter.
The evaluation board consumes about 0.5 A current
when the load is 8 Ohms. Use low ohmic wires from
power supply to the evaluation board.
MAS9118 Eval V2.0
X3
X6
X5
X4
buzzer
JP1
+
-
External power supply
3.6-5.5 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com