Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9118 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9118
Description  Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9118 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9118 Datasheet HTML 1Page - Micro Analog systems MAS9118 Datasheet HTML 2Page - Micro Analog systems MAS9118 Datasheet HTML 3Page - Micro Analog systems MAS9118 Datasheet HTML 4Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 (4)
DAEV9118.001
29 January, 2002
0$6
0$6(YDOXDWLRQ.LW
'(6&5,37,21
MAS9118 evaluation kit provides all the necessary
hardware (excluding PC running Windows 9X) and
software for evaluation of MAS9118 audio DAC with
class-D output stage.
MAS9118 evaluation board has two adjustable
voltage regulators for testing the input level shifters
of MAS9118 and for selecting various supply
voltages for class-D output driver.
The evaluation kit includes an on-board buzzer.
Optionally an external buzzer or loudspeaker can be
easily connected to the demo board by using a
jumper connector.
)($785(6
•
MAS9118 audio DAC with class-D output stage
•
Power regulation
•
Adjustable driver voltage
•
Parallel port interface for PC
•
Possibility to play wave files
•
Software synthesizer for generating a test signal and multi-tone melodies
Figure 1.
To the parallel port of a PC
MAS9118 Eval V2.0
Reset
MAS9118 Eval V2.0
X3
X6
+7.5 V (600 mA)
0 V (ground)
MAS9118
X5
X4
VDDI
(1.8 V)
VDD
(3.6 V)
R2
R1
buzzer
JP1
Buzzer and speaker configurations:
A) Buzzer on circuit board
(Citizen CHB-03E)
Jumper between
pins 1 & 2
B) External buzzer or loudspeaker
Between
pins 2 & 4
JP1
JP1
F
OSC (8 MHz)


Similar Part No. - MAS9118

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AAHV06 MAS-MAS9116AAHV06 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AASD06 MAS-MAS9116AASD06 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AASD08 MAS-MAS9116AASD08 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116ASBA MAS-MAS9116ASBA Datasheet
1Mb / 18P
Stereo Digital Volume Control
More results

Similar Description - MAS9118

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com