Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6730 Datasheet HTML 3Page - STMicroelectronics L6730 Datasheet HTML 4Page - STMicroelectronics L6730 Datasheet HTML 5Page - STMicroelectronics L6730 Datasheet HTML 6Page - STMicroelectronics L6730 Datasheet HTML 7Page - STMicroelectronics L6730 Datasheet HTML 8Page - STMicroelectronics L6730 Datasheet HTML 9Page - STMicroelectronics L6730 Datasheet HTML 10Page - STMicroelectronics L6730 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
L6730 - L6730B
Pin connections and functions
7/52
3
Pin connections and functions
Figure 2.
Pins connection (Top view)
1.
In the L6730B the multifunction pin is: CC/OVP/UVLO.
Table 3.
Pins connection
Pin n.
Name
Description
1
PGOOD DELAY
A capacitor connected between this pin and GND introduces a delay between
the internal PGOOD comparator trigger and the external signal rising edge. No
delay can be introduced on the falling edge of the PGOOD signal. The delay
can be calculated with the following formula:
2
SYNCH
Two or more devices can be synchronized by connecting the SYNCH pins
together. The device operating with the highest FSW will be the Master device.
The Slave devices will operate at 180° phase shift from the Master. The best
way to synchronize devices is to set their FSW at the same value. If it is not
used, the SYNCH pin can be left floating.
3
SINK/OVP/UVLO
L6730
CC/OVP/UVLO
L6730B
With this pin it is possible:
– To enable-disable the sink mode current capability after SS (L6730);
– To enable-disable the constant current OCP after SS (L6730B);
– To enable-disable the latch mode for the OVP;
– To set the UVLO threshold for the 5V BUS and 12V BUS.
The device captures the analog value present at this pin at the start-up when
VCC meets the UVLO threshold.
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
HTSSOP20
10
17
18
19
20
OSC
SS/INH
CO MP
FB
GND
SYNCH
PGOOD DELAY
TM ASK
EAREF
PGOOD
PHASE
HGATE
BOOT
VCC
VCCDR
LGATE
OCL
OCH
PGND
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
HTSSOP20
10
17
18
19
20
OSC
SS/INH
CO MP
FB
GND
SYNCH
PGOOD DELAY
TM ASK
EAREF
PGOOD
PHASE
HGATE
BOOT
VCC
VCCDR
LGATE
OCL
OCH
PGND
SINK/OVP/UVLO
()
pF
C
PGDelay
= 5
.
0
[µs]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com