Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 4 Page - STMicroelectronics

  L6730 Datasheet HTML 1Page - STMicroelectronics L6730 Datasheet HTML 2Page - STMicroelectronics L6730 Datasheet HTML 3Page - STMicroelectronics L6730 Datasheet HTML 4Page - STMicroelectronics L6730 Datasheet HTML 5Page - STMicroelectronics L6730 Datasheet HTML 6Page - STMicroelectronics L6730 Datasheet HTML 7Page - STMicroelectronics L6730 Datasheet HTML 8Page - STMicroelectronics L6730 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Summary description
L6730 - L6730B
4/52
1
Summary description
The controller is an integrated circuit
... designed using BiCMOS-DMOS, v5 (BCD5) technology
that provides complete control logic and protection for high performance, step-down DC/DC
and niPOL converters.
It is designed to drive N-Channel MOSFETs in a synchronous rectified
buck converter topology.
The output voltage of the converter can be precisely regulated down to 600mV, with a
maximum tolerance of ±0.8%, or to 1.2V, when one of the internal references is used. It is also
possible to use an external reference from 0V to 2.5V.
The input voltage can range from 1.8V to 14V, while the supply voltage can range from 4.5V to
14V. High peak current gate drivers provide for fast switching to the external power section and
the output current can be in excess of 20A, depending on the number of the external MOSFETs
used. The PWM duty cycle can range from 0% to 100% with a minimum on-time (TON(MIN))
lower than 100ns, making conversions with a very low duty cycle and very high switching
frequency possible.
The device provides voltage-mode control. It includes a 400kHz free-running oscillator that is
adjustable from 100kHz to 1MHz. The error amplifier features a 10MHz gain-bandwidth-product
and 5V/µs slew-rate that permits to realize high converter bandwidth for fast transient response.
The device monitors the current by using the RDS(ON) of both the high-side and low-side
MOSFET(s), eliminating the need for a current sensing resistor and guaranteeing an effective
over current-protection in all the application conditions. When necessary, two different current
limit protections can be externally set through two external resistors. A leading edge adjustable
blanking time is also available to avoid false over-current-protection (OCP) intervention in every
application condition.
It is possible to select the HICCUP mode or the constant current protection (L6730B) after the
soft-start phase.
During this phase constant current protection is provided. It is possible to select the sink-source
or the source-only mode capability
(before the device powers on) by acting on a multifunction
pin (L6730). The L6730 disables the sink mode capability during the soft-start in order to allow
a proper start-up also in pre-biased output voltage conditions. The L6730B can always sink
current and, so it can be used to supply the DDR Memory BUS termination. Other features
include Master-Slave synchronization (with 180° phase shift), Power-Good with adjustable
delay, over voltage-protection, feed back disconnection, selectable UVLO threshold (5V and
12V Bus), and thermal shutdown. The HTSSOP20 package allows the realization for very
compact DC/DC converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com