Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6730TR
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6730TR Datasheet HTML 23Page - STMicroelectronics L6730TR Datasheet HTML 24Page - STMicroelectronics L6730TR Datasheet HTML 25Page - STMicroelectronics L6730TR Datasheet HTML 26Page - STMicroelectronics L6730TR Datasheet HTML 27Page - STMicroelectronics L6730TR Datasheet HTML 28Page - STMicroelectronics L6730TR Datasheet HTML 29Page - STMicroelectronics L6730TR Datasheet HTML 30Page - STMicroelectronics L6730TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
L6730 - L6730B
Device description
27/52
5.10
Multifunction pin (S/O/U L6730) (CC/O/U L6730B)
With this pin it is possible:
●
to enable disable the sink mode current capability (L6730) or the constant current
protection (L6730B) at the end of the soft-start.
●
to enable or disable the latch-mode for the OVP.
●
to set the UVLO threshold for 5V BUS and 12V Busses.
Table 6 shows how to set the different options through an external resistor divider:
Figure 22. External Resistor
Table 6.
S/O/U and CC/O/U pin
R1
R2
VSOU/VCCDR
UVLO
OVP
SINK CC
N.C
0
Ω
0
5V BUS
Not Latched
Not
11K
Ω
2.7K
Ω
0.2
5V BUS
Not Latched
Yes
6.2K
Ω
2.7K
Ω
0.3
5V BUS
Latched
Not
4.3K
Ω
2.7K
Ω
0.4
5V BUS
Latched
Yes
2.7K
Ω
2.7K
Ω
0.5
12V BUS
Not Latched
Not
1.8K
Ω
2.7K
Ω
0.6
12V BUS
Not Latched
Yes
1.2K
Ω
2.7K
Ω
0.7
12V BUS
Latched
Not
0
Ω
N.C
1
12V BUS
Latched
Yes
R1
R2
L6730/B
S/O/U
CC/O/U
VCCDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com