Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6730TR
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6730TR Datasheet HTML 25Page - STMicroelectronics L6730TR Datasheet HTML 26Page - STMicroelectronics L6730TR Datasheet HTML 27Page - STMicroelectronics L6730TR Datasheet HTML 28Page - STMicroelectronics L6730TR Datasheet HTML 29Page - STMicroelectronics L6730TR Datasheet HTML 30Page - STMicroelectronics L6730TR Datasheet HTML 31Page - STMicroelectronics L6730TR Datasheet HTML 32Page - STMicroelectronics L6730TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
L6730 - L6730B
Device description
29/52
5.13
Minimum ON-time TON(MIN)
The device can manage minimum ON times lower than 100ns. This feature comes from the
control topology as well as from the particular L6730/B overcurrent protection system. In a
voltage mode controller, the current does not have to be sensed to perform regulation and, in
the case of L6730/B, it does not have to be sensed for the overcurrent protection either
because valley current protection can operate during the OFF time. The first advantage related
of this feature is the achievement of extremely low conversion ratios. Figure 24. shows a
conversion from 14V to 0.5V at 820kHz with a tON of about 50ns. The ON time is limited by the
MOSFET turn-on and turn-off times.
Figure 24. 14V -> 0.5V@820KHz, 5A
50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com