Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730BTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6730BTR
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730BTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6730BTR Datasheet HTML 19Page - STMicroelectronics L6730BTR Datasheet HTML 20Page - STMicroelectronics L6730BTR Datasheet HTML 21Page - STMicroelectronics L6730BTR Datasheet HTML 22Page - STMicroelectronics L6730BTR Datasheet HTML 23Page - STMicroelectronics L6730BTR Datasheet HTML 24Page - STMicroelectronics L6730BTR Datasheet HTML 25Page - STMicroelectronics L6730BTR Datasheet HTML 26Page - STMicroelectronics L6730BTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
L6730 - L6730B
Device description
23/52
There is an electrical network between the output terminal and the FB pin and therefore the
voltage at this pin is not a perfect replica of the output voltage. If the converter can sink current,
in the most of cases the low-side will be turned on before the output voltage exceeds the over-
voltage threshold because the error amplifier will throw off balance in advance.
Even if the device does not report an overvoltage event, the behavior is the same because the
low-side is turned on immediately. Instead, if the sink mode is disabled, the low-side will be
turned on only when the overvoltage protection (OVP) operates and not before because the
current can not be reversed. In this case, a delay between the output voltage rising and FB
voltage rising can appear and the OVP can turn on late. Figure 16.and Figure 17.show an
overvoltage event in the cases of the sink being enabled or disabled. The output voltage rises
with a slope of 100mV
µs, emulating the breaking of the high-side MOSFET as an overvoltage
occurs.
Figure 16. OVP with sink enabled: the low-side MOSFET is turned-on in advance.
Figure 17. OVP with sink disabled: delay on the OVP operation.
VOUT
109%
VFB
LGate
126%
VOUT
VFB
LGate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com