Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730BTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6730BTR
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730BTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6730BTR Datasheet HTML 26Page - STMicroelectronics L6730BTR Datasheet HTML 27Page - STMicroelectronics L6730BTR Datasheet HTML 28Page - STMicroelectronics L6730BTR Datasheet HTML 29Page - STMicroelectronics L6730BTR Datasheet HTML 30Page - STMicroelectronics L6730BTR Datasheet HTML 31Page - STMicroelectronics L6730BTR Datasheet HTML 32Page - STMicroelectronics L6730BTR Datasheet HTML 33Page - STMicroelectronics L6730BTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Device description
L6730 - L6730B
30/52
5.14
Bootstrap anti-discharging system
This built-in anti-discharging system keeps the voltage going across the bootstrap capacitor
from going below 3.3V. An internal comparator senses the voltage across the external
bootstrap capacitor and helps to keep it charged, eventually turning on the low-side MOSFET
for approximately 200ns. If the bootstrap capacitor is not charged up enough, the high-side
MOSFET cannot be effectively turned on and it will present a higher RDS(on) . In some cases,
the OCP can be also triggered. There are up to two conditions during which the bootstrap
capacitor can be discharged:
●
fan power supply failure, and
●
no sink at zero current operation.
5.14.1 Fan power supply failure
In many applications the fan is driven by a DC motor that uses a DC/DC converter. Often only
the speed of the motor is controlled by varying the voltage applied to the input terminal and
there is no control on the torque because the current is not directly controlled. The current has
to be limited in case of overload or short-circuit, but without stopping the motor.
With the L6730B, the current can be limited without shutting down the system because
constant current protection is provided. In order to vary the motor speed, the output voltage of
the converter must be varied. Both L6730 and L6730B have a dedicated EAREF pin (see Table
3.) which provides an external reference to the non-inverting input of the error-amplifier.
In these applications the duty cycle depends on the motor’s speed and sometimes a 100% duty
cycle setting has to be used to attain the maximum speed. In these conditions, the bootstrap
capacitor can not be recharged and the system cannot work properly. Some PWM controllers
limit the maximum duty cycle to 80 or 90% in order to keep the bootstrap capacitor charged, but
this makes performance during the load transient worse. The “bootstrap anti-discharging
system” allows the L6730x to work at 100% without any problem.
Figure 25.: 100% Duty Cycle Operation on page 31 shows The following picture illustrates the
device behavior when the input voltage is 5V and a 100% duty cycle is set by an external
reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com